データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ13610 データシート(PDF) 11 Page - Texas Instruments

部品番号 LMZ13610
部品情報  10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ13610 データシート(HTML) 11 Page - Texas Instruments

Back Button LMZ13610_14 Datasheet HTML 7Page - Texas Instruments LMZ13610_14 Datasheet HTML 8Page - Texas Instruments LMZ13610_14 Datasheet HTML 9Page - Texas Instruments LMZ13610_14 Datasheet HTML 10Page - Texas Instruments LMZ13610_14 Datasheet HTML 11Page - Texas Instruments LMZ13610_14 Datasheet HTML 12Page - Texas Instruments LMZ13610_14 Datasheet HTML 13Page - Texas Instruments LMZ13610_14 Datasheet HTML 14Page - Texas Instruments LMZ13610_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
20
40
60
80
100
120
0
2
4
6
8
10
12
TEMPERATURE (C)
JA = 9.9 °C/W
JA = 6.8 °C/W
JA = 5.2 °C/W
0
2
4
6
8
10
12
3
6
9
12
15
18
21
24
27
30
COPPER AREA (in
2
)
2 Layer 0 LFPM
2 Layer 225 LFPM
4 Layer 0 LFPM
4 Layer 225 LFPM
LMZ13610
www.ti.com
SNVS709C – MARCH 2011 – REVISED MAY 2011
Typical Performance Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12V; CIN = three x 10μF + 47nF X7R Ceramic; COUT = two x
330
μF Specialty Polymer + 47 uF Ceramic + 47nF Ceramic; CFF = 4.7nF; Tambient = 25° C for waveforms. All indicated
temperatures are ambient.
θJA
vs
Thermal derating VIN = 24V, VOUT = 3.3V
copper heat sinking area
Output ripple
Output ripple
12VIN, 5.0VOUT @ Full Load, BW = 20 MHz
12VIN, 5.0VOUT@ Full Load, BW = 250 MHz
Output ripple
Output ripple
12VIN, 3.3VOUT @ Full Load, BW = 20 MHz
12VIN, 3.3VOUT@ Full Load, BW = 250 MHz
Output ripple
Output ripple
12VIN, 1.2VOUT @ Full Load, BW = 20 MHz
12VIN, 1.2VOUT@ Full Load, BW = 250 MHz
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ13610


同様の部品番号 - LMZ13610_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
More results

同様の説明 - LMZ13610_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ13608 TI1-LMZ13608_14 Datasheet
1Mb / 30P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
[Old version datasheet]   LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ12010TZ TI-LMZ12010TZ Datasheet
1Mb / 29P
[Old version datasheet]   LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608_14 Datasheet
1Mb / 29P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com