データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ23608 データシート(PDF) 4 Page - Texas Instruments

部品番号 LMZ23608
部品情報  8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ23608 データシート(HTML) 4 Page - Texas Instruments

  LMZ23608_14 Datasheet HTML 1Page - Texas Instruments LMZ23608_14 Datasheet HTML 2Page - Texas Instruments LMZ23608_14 Datasheet HTML 3Page - Texas Instruments LMZ23608_14 Datasheet HTML 4Page - Texas Instruments LMZ23608_14 Datasheet HTML 5Page - Texas Instruments LMZ23608_14 Datasheet HTML 6Page - Texas Instruments LMZ23608_14 Datasheet HTML 7Page - Texas Instruments LMZ23608_14 Datasheet HTML 8Page - Texas Instruments LMZ23608_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LMZ23608
SNVS708D – MARCH 2011 – REVISED OCTOBER 2011
www.ti.com
Pin Descriptions (continued)
Pin
Name
Description
4
EN
Enable — Input to the precision enable comparator. Rising threshold is 1.274V typical. Once the module is enabled, a 20
uA source current is internally activated to accommodate programmable hysteresis.
5, 6
AGND
Analog Ground — Reference point for all stated voltages. Must be externally connected to EP/PGND.
7
FB
Feedback — Internally connected to the regulation, over-voltage, and short-circuit comparators. The regulation reference
point is 0.8V at this input pin. Connect the feedback resistor divider between the output and AGND to set the output
voltage.
8
SS
Soft-Start/Track input — To extend the 1.6 mSec internal soft-start connect an external soft start capacitor. For tracking
connect to an external resistive divider connected to a higher priority supply rail. See applications section.
9
SH
Share pin. Connect this to the share pin of other LMZ23608 modules to share the load between the devices. One device
should be configured as the master by connecting the FB normally. All other devices should be configured as slaves by
leaving their respective FB pins floating. Leave this pin floating if not used, do not ground. See applications section.
10,
VOUT
Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin and PGND.
11
EP
PGND
Exposed Pad / Power Ground Electrical path for the power circuits within the module. — NOT Internally connected to
AGND / pin 5. Used to dissipate heat from the package during operation. Must be electrically connected to pin 5 external
to the package.
Absolute Maximum Ratings
(1)
VIN to PGND
-0.3V to 40V
EN, SYNC to AGND
-0.3V to 5.5V
SS, FB, SH to AGND
-0.3V to 2.5V
AGND to PGND
-0.3V to 0.3V
Junction Temperature
150°C
Storage Temperature Range
-65°C to 150°C
ESD Susceptibility (2)
± 2 kV
For soldering specifications:
see product folder at www.national.com andwww.national.com/ms/MS/MS-SOLDERING.pdf
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD-22-114.
Operating Ratings
(1)
VIN
6V to 36V
EN, SYNC
0V to 5.0V
Operation Junction Temperature
−40°C to 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
4
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LMZ23608


同様の部品番号 - LMZ23608_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
More results

同様の説明 - LMZ23608_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
LMZ13608 TI1-LMZ13608_14 Datasheet
1Mb / 30P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610_14 Datasheet
1Mb / 27P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com