データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V-16-2C5 データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 V-16-2C5
部品情報  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

V-16-2C5 データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button V-16-2C5 Datasheet HTML 6Page - List of Unclassifed Manufacturers V-16-2C5 Datasheet HTML 7Page - List of Unclassifed Manufacturers V-16-2C5 Datasheet HTML 8Page - List of Unclassifed Manufacturers V-16-2C5 Datasheet HTML 9Page - List of Unclassifed Manufacturers V-16-2C5 Datasheet HTML 10Page - List of Unclassifed Manufacturers V-16-2C5 Datasheet HTML 11Page - List of Unclassifed Manufacturers V-16-2C5 Datasheet HTML 12Page - List of Unclassifed Manufacturers V-16-2C5 Datasheet HTML 13Page - List of Unclassifed Manufacturers V-16-2C5 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
V
Miniature Basic Switch
V
Contact Specifications
Ratings
Note. The above rating values apply under the following test conditions.
(1) Ambient temperature: 20
±2°C
(2) Ambient humidity: 65
±5% RH
(3) Operating frequency: 30 operations/min
Approved Standards
UL (UL1054)/CSA (CSA C22.2 No.55)
VDE (EN61058-1)
Consult your OMRON sales representative for specific models
with VDE approvals.
Testing conditions: 5E4 (50,000 operations), for models of V-21:
T80 (0°C to 80°C), for models of V-16: T105 (0°C to 105°C)
Characteristics
Note. The data given above are initial values.
*1.
The dielectric strength shown in the table indicates a value for models with a Separator.
*2.
For the pin plunger models, the above values apply for use at the free position and total travel position. For the lever models, they apply at the total travel position.
Close or open circuit of the contact is shorter than 1 ms.
*3.
For testing conditions, consult your OMRON sales representative.
Item
Model
V-21
V-16
V-15
V-10
Contact
Specification
Rivet
Material
Silver alloy
Silver
Gap (standard value)
1 mm
Inrush
current
NC
50 A
max.
40 A
max.
30 A
max.
24 A
max.
NO
Minimum applicable load
(reference value)
DC5V 160mA
Model
Item
Rated voltage
Resistive load
V-21
AC250V
21 A
DC125V
DC250V
0.6 A
0.3 A
V-16
AC250V
16 A
DC125V
DC250V
0.6 A
0.3 A
V-15
AC250V
15 A
DC125V
DC250V
0.6 A
0.3 A
V-10
AC250V
10 A
DC125V
DC250V
0.6 A
0.3 A
Rated voltage
Model
V-21
V-16
V-15
V-10
125 VAC
250 VAC
21A 1/2HP
16A 1/2HP
15A 1/2HP
10A 1/2HP
125 VDC
250 VDC
0.6A
0.3A
Rated voltage
Model
V-21
V-16
AC250V
20(4)A
16(4)A
Item
Model
V-10
V-15
V-16
V-21
Permissible operating speed
0.1mm to 1 m/s max. (pin plunger models)
Permissible operating
frequency
Mechanical
600 operations/min max. (pin plunger models)
Electrical
60 operations/min
Insulation resistance
100M
Ω min. (at 500 VDC with insulation tester)
Contact resistance (initial value)
15m
Ω max.
Dielectric strength *1
Between terminals of the
same polarity
AC1,000V 50/60Hz 1min
Between current-carrying
metal parts and ground
AC1,500V 50/60Hz 1min
AC1,500V 50/60Hz 1min
AC2,000V 50/60Hz 1min
Between each terminals and
non-current-carrying metal
parts
AC1,500V 50/60Hz 1min
AC1,500V 50/60Hz 1min
AC2,000V 50/60Hz 1min
Vibration resistance *2
Malfunction
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance *2
Durability
1,000 m/s2 {approx. 100 G} max.
Malfunction
200 m/s2
{approx. 20G} max.
300 m/s2 {approx. 30 G} max.
Durability *3
Mechanical
50,000,000 operations min. (60 operations/min)
Electrical
300,000 operations min.
(30 operations/min)
Heat resistive: 50,000
operations min
(30 operations/min)
100,000 operations min.
(30 operations/min)
Heat resistive: 20,000
operations min
(30 operations/min)
100,000 operations min.
(30 operations/min)
Degree of protection
IEC IP40
Degree of protection against electric shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
-25
°C to +80°C (Heat resistive: -25°C to +150°C) (at ambient humidity of 60% max.)
(with no icing or condensation)
Ambient operating humidity
85% max. (for +5
°C to +35°C)
Weight
Approx. 6.2g (pin plunger models)


同様の部品番号 - V-16-2C5

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V-16-2C5 OMRON-V-16-2C5 Datasheet
1Mb / 16P
   Snap Action Switch
V-16-2C5 OMRON-V-16-2C5 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-16-2C5 OMRON-V-16-2C5 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-16-2C5 OMRON-V-16-2C5 Datasheet
1Mb / 16P
   Snap Action Switch
V-16-2C5 OMRON-V-16-2C5 Datasheet
1Mb / 16P
   Snap Action Switch
More results

同様の説明 - V-16-2C5

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com