データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

W08M データシート(PDF) 1 Page - Micro Commercial Components

部品番号 W08M
部品情報  Complete Discrete Semiconductor Solutions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

W08M データシート(HTML) 1 Page - Micro Commercial Components

  W08M Datasheet HTML 1Page - Micro Commercial Components W08M Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Home | Profile | Designer Kits | Products | Applications | Catalog | Contact Us | Event Calendar | Terms & Conditions
Product Catalog > Diodes > Bridge Rectifiers >
Part Number
W04M
product family
BRIDGE RECTIFIERS
package type
WOM
VRM(PRV)
400V
Ifsm
50A
IF(AV)
1.5A
@Vf
1.0V
@If
1.5A
Trr
IR
10µA
@VR
400V
Package Qty
Bulk: 1K/Box, 10K/Ctn .
This product is listed under the following categories where you may find similar products:
Diodes
Bridge Rectifiers


同様の部品番号 - W08M

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
W08M MCC-W08M Datasheet
310Kb / 3P
   Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information)
logo
Won-Top Electronics
W08M WTE-W08M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
W08M WTE-W08M Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
W08M SEMTECH_ELEC-W08M Datasheet
190Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
W08M MCC-W08M Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
More results

同様の説明 - W08M

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
BAS16WX-TP MCC-BAS16WX-TP Datasheet
115Kb / 3P
   Complete Discrete Semiconductor Solutions
US1G-TP MCC-US1G-TP Datasheet
110Kb / 3P
   Complete Discete Semiconductor Solutions
logo
Integral Corp.
KT815A INTEGRAL-KT815A Datasheet
246Kb / 8P
   DISCRETE SEMICONDUCTOR Transistors
logo
AZ Displays
AGM3224Q AZDISPLAYS-AGM3224Q Datasheet
1Mb / 28P
   COMPLETE LCD SOLUTIONS
ATM4823A AZDISPLAYS-ATM4823A Datasheet
1Mb / 19P
   COMPLETE LCD SOLUTIONS
ATM3224C-NC-FTH AZDISPLAYS-ATM3224C-NC-FTH Datasheet
807Kb / 15P
   COMPLETE LCD SOLUTIONS
logo
List of Unclassifed Man...
GT120NWS ETC1-GT120NWS Datasheet
468Kb / 10P
   Mini size of Discrete semiconductor elements
logo
AZ Displays
ATM3224C AZDISPLAYS-ATM3224C Datasheet
60Kb / 4P
   COMPLETE LCD SOLUTIONS - TFT Driver Board
logo
List of Unclassifed Man...
QBVW033 ETC2-QBVW033 Datasheet
3Mb / 18P
   GE Complete Family of DC-DC Solutions
logo
Panasonic Semiconductor
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
   Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com