データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4951A データシート(PDF) 11 Page - Texas Instruments

部品番号 LM4951A
部品情報  Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4951A データシート(HTML) 11 Page - Texas Instruments

Back Button LM4951A_14 Datasheet HTML 7Page - Texas Instruments LM4951A_14 Datasheet HTML 8Page - Texas Instruments LM4951A_14 Datasheet HTML 9Page - Texas Instruments LM4951A_14 Datasheet HTML 10Page - Texas Instruments LM4951A_14 Datasheet HTML 11Page - Texas Instruments LM4951A_14 Datasheet HTML 12Page - Texas Instruments LM4951A_14 Datasheet HTML 13Page - Texas Instruments LM4951A_14 Datasheet HTML 14Page - Texas Instruments LM4951A_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
20
100
1k
20k
FREQUENCY (Hz)
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
2k
5k 10k
500
200
50
8
16
48
32
LOAD RESISTANCE (W)
0
500
1000
1500
2000
2500
3000
64
80
96 112
LM4951A
www.ti.com
SNAS453B – AUGUST 2008 – REVISED SEPTEMBER 2008
Typical Performance Characteristics (continued)
Output Power vs Load Resistance
Frequency Response vs Input Capacitor Size
VDD = 7.5V, f = 1kHz
RL = 8Ω
from top to bottom: THD+N = 10%, THD+N = 1%
from top to bottom: Ci = 1.0µF, Ci = 0.39µF, Ci = 0.039µF
Figure 33.
Figure 34.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4951A


同様の部品番号 - LM4951A_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4951ASD NSC-LM4951ASD Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951ASDX NSC-LM4951ASDX Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
More results

同様の説明 - LM4951A_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951 NSC-LM4951 Datasheet
1Mb / 18P
   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Texas Instruments
LM4951SD TI-LM4951SD Datasheet
1Mb / 22P
[Old version datasheet]   LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
NTE Electronics
NTE1516 NTE-NTE1516 Datasheet
81Kb / 3P
   Integrated Circuit Audio Power Amp, 1.8 Watt
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com