データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25088 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM25088
部品情報  Wide Input Range Non-Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25088 データシート(HTML) 10 Page - Texas Instruments

Back Button LM25088_14 Datasheet HTML 6Page - Texas Instruments LM25088_14 Datasheet HTML 7Page - Texas Instruments LM25088_14 Datasheet HTML 8Page - Texas Instruments LM25088_14 Datasheet HTML 9Page - Texas Instruments LM25088_14 Datasheet HTML 10Page - Texas Instruments LM25088_14 Datasheet HTML 11Page - Texas Instruments LM25088_14 Datasheet HTML 12Page - Texas Instruments LM25088_14 Datasheet HTML 13Page - Texas Instruments LM25088_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TON
Sample and Hold
DC Level
V/A
10 x RS
RAMP
TON
(5 PA/V x (VIN ± VOUT) + 25 PA) x
CRAMP
LM25088
SNVS609G – DECEMBER 2008 – REVISED MARCH 2011
www.ti.com
Error Amplifier and PWM Comparator
The internal high gain error amplifier generates an error signal proportional to the difference between the
regulated output voltage and an internal precision voltage reference (1.205V). The output of the error amplifier is
connected to the COMP pin allowing the user to connect loop compensation components. Generally a type II
network, as illustrated in Figure 15, is sufficient. This network creates a pole at DC, a mid-band zero for phase
boost and a high frequency pole for noise reduction. The PWM comparator compares the emulated current
signal from the RAMP generator to the error amplifier output voltage at the COMP pin. A typical control loop
gain/phase plot is shown in Typical Performance Characteristics section of this document.
Ramp Generator
The ramp signal used for the pulse width modulator in current mode control is typically derived directly from the
buck switch current. This signal corresponds to the positive slope portion of the buck inductor current. Using this
signal for the PWM ramp simplifies the control loop transfer function to a single pole response and provides
inherent input voltage feed-forward compensation. The disadvantage of using the buck switch current signal for
PWM control is the large leading edge spike due to circuit parasitics which must be filtered or blanked. Also, the
current measurement may introduce significant propagation delays. The filtering time, blanking time and
propagation delay limit the minimum achievable pulse width. In applications where the input voltage may be
relatively large in comparison to the output voltage, controlling small pulse widths and duty cycles is necessary
for regulation. The LM25088 utilizes a unique ramp generator which does not actually measure the buck switch
current but rather reconstructs or emulates the signal. Emulating the inductor current provides a ramp signal that
is free of leading edge spikes and measurement or filtering delays. The current reconstruction is comprised of
two elements; a sample & hold DC level and an emulated current ramp.
Figure 17. Composition of Current Sense Signal
10
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM25088


同様の部品番号 - LM25088_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25088 TI-LM25088_15 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results

同様の説明 - LM25088_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com