データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Q14P1CZZRYG12E データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 Q14P1CZZRYG12E
部品情報  Q-SERIES 14mm횠 Panel Mounting LED Indicator Product Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

Q14P1CZZRYG12E データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  Q14P1CZZRYG12E Datasheet HTML 1Page - List of Unclassifed Manufacturers Q14P1CZZRYG12E Datasheet HTML 2Page - List of Unclassifed Manufacturers Q14P1CZZRYG12E Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12
www.apem.com
Q-SERIES 14mmØ Panel Mounting LED Indicator
Order Overview
STANDARD OPTIONS
Q
14
P
1
C
XX
B
28
E
• GoldFastonterminaldenotesAnode(+),silverterminaldenotesCathode(-)
• Standardwirelengthis200mm,22AWG,redwiredenotesAnode(+),blackwiredenotesCathode(-)
for other wire lengths consult APEM
• ForLEDswithalternatevoltagesconsultAPEM
• BicolourLEDs,byconnectingthegoldFaston(+)onecolourisproduced,
by reversing the supply voltage another colour is produced – Bi-colours are available up to 28VDC
• TakecarewhensolderingtotheFastonterminals
• Shortbodypinsandwiresareonlyavailableupto28VDC
• TheTri-colourLEDhasredandgreenLEDswhenbothareconnectedyellowisproduced
• StandardTri-colourFastonterminalsaretwoAnodes(+)andoneCathode(-)
• Tri-colourwiresareonered(+)andonegreen(+)Anodeandoneblack(-)Cathode
• Tri-colourpinsarecentre(–)cathode,shortest(+)anodepingreen,longest(+)anodepinred
• Maximumpanelthickness11mm
• ForbehindpanelepoxysealedoptionspleaseconsultApem
• WerecommendusingSuperbrightLEDsforuseat220VAC
• Forresistorlessversions(02)pleasepayattentiontotheforwardvoltage
• Formulti-voltageoptionspleaseconsultApem
Q
Example Q14P1CXXB28E
Ø14mm, prominent bezel, solder lug terminals,
bright chrome finish, fixed light, blue,
28volt DC LED, IP67 Panel Seal
1 = Solder Lug/
Fastons
(2.8 x 0.8)
2 = Pins
3 = Wires
6 = Short body
Pins
7 = Short body
Wires
C = Bright Chrome
B = Black Chrome
G = Satin Grey
R = Red
G = Green
Y = Yellow
B = Blue
W = White
SR = Super Bright Red
SG = Super Bright Green
SY = Super Bright Yellow
SB = Super Bright Blue
SW = Super Bright White
RG = Red/Green
RY = Red/Yellow
GY = Green/Yellow
RYG = Red/Yellow/Green
02 = 2VDC
06 = 6VDC
12 = 12VDC
12A = 12VAC/DC
24 = 24VDC
24A = 24VAC/DC
28 = 28VDC
28A = 28VAC/DC
110 = 110VAC
220 = 220VAC
(Blank) = Unsealed
E = IP67
XX = Fixed Light
KK = Flashing Light
(only up to 28VDC)
YY = Bi-colour
ZZ = Tri-colour
SERIES
MOUNTING
HOLE
14 = Ø14mm
P = Prominent
F = Flush
BEZEL
STYLE
TERMINALS
BEZEL FINISH
TYPE OF
ILLUMINATION
LED COLOUR
VOLTAGE
SEALING
The Q14 Series is available with a range of standard options, to specify your LED, simply choose one option from each column.
An example is shown below.


同様の部品番号 - Q14P1CZZRYG12E

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
Q14.0-JXG32P4-12-30/100 JAUCH-Q14.0-JXG32P4-12-30/100 Datasheet
122Kb / 2P
   SMD Quartz Crystal
Q14.0-JXG32P4-12-30/30 JAUCH-Q14.0-JXG32P4-12-30/30 Datasheet
122Kb / 2P
   SMD Quartz Crystal
Q14.0-JXG32P4-12-30/50 JAUCH-Q14.0-JXG32P4-12-30/50 Datasheet
122Kb / 2P
   SMD Quartz Crystal
Q14.0-MTF38-30-20 JAUCH-Q14.0-MTF38-30-20 Datasheet
99Kb / 1P
   Quartz Crystal
Q14.0-MTF38-30-30 JAUCH-Q14.0-MTF38-30-30 Datasheet
99Kb / 1P
   Quartz Crystal
More results

同様の説明 - Q14P1CZZRYG12E

メーカー部品番号データシート部品情報
logo
Marl International Limi...
307-303-2 MARL-307-303-2 Datasheet
320Kb / 3P
   PANEL INDICATOR LEDs - 횠4.8mm Mounting
318-530-04 MARL-318-530-04 Datasheet
164Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
411-501-21 MARL-411-501-21 Datasheet
326Kb / 4P
   PANEL INDICATOR LEDs - 횠8.0mm Mounting
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
352-505-04 MARL-352-505-04 Datasheet
284Kb / 3P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
319-505-21 MARL-319-505-21 Datasheet
372Kb / 4P
   PANEL INDICATOR LEDs - 횠6.35mm Mounting
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
   PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
   PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com