データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STX448BS4H000P2 データシート(PDF) 2 Page - OPLINK Communications Inc.

部品番号 STX448BS4H000P2
部品情報  Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPLINK [OPLINK Communications Inc.]
ホームページ  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

STX448BS4H000P2 データシート(HTML) 2 Page - OPLINK Communications Inc.

  STX448BS4H000P2 Datasheet HTML 1Page - OPLINK Communications Inc. STX448BS4H000P2 Datasheet HTML 2Page - OPLINK Communications Inc. STX448BS4H000P2 Datasheet HTML 3Page - OPLINK Communications Inc. STX448BS4H000P2 Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Oplink Communications, Inc.
Transmitter Performance Characteristics
STX48 Series
(Over Operating Case Temperature.)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
0.05
2.5
3.0
Gb/s
Average Optical Output Power (50% duty cycle)
P
O
- 10.0
- 7.0
- 3.0
dBm
- 5.0
- 3.0
0
- 2.0
0
3.0
Extinction Ratio
Phi /Plo
8.2
-
-
dB
Center Wavelength
Short Reach (SR)
λ
C
1266
1310
1360
nm
Intermediate Reach (IR)
1266
1310
1360
Long Reach (LR) 1310 nm
1280
1310
1335
Long Reach (LR) 1550 nm
1500
1550
1580
Spectral Width (RMS)
Short Reach
ΔλRMS
-
-
4.0
nm
Spectral Width (-20 dB)
Intermediate Reach & Long Reach
Δλ20
-
-
1.0
Side Mode Suppression
Ratio
Intermediate Reach & Long Reach
SMSR
30
-
-
dB
Transmitter Output Eye
Compliant with Bellcore TR-NWT-000253 and ITU-T Recommendation G.957
Receiver Electrical Interface
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage 1
V
CC - VEE
4.75
5.0
5.25
V
Supply Current
I
-
200
300
mA
Input HIGH Voltage (DATA & CLOCK, PECL)
V
IH
V
CC - 1.165
-
V
CC - 0.880
V
Input LOW Voltage (DATA & CLOCK, PECL)
V
IL
V
CC - 1.810
-
V
CC - 1.475
V
Input Voltage (DATA & CLOCK, PECL)
V
IN
0.30
0.80
1.00
Vp-p
Input DATA & CLOCK timing
T
DC
200
-
300
ps
MODE SELECTOR
Input Voltage
Clocked
V
MSCK
V
EE
-
V
EE + 1.5
V
Non-Clocked
V
MSNCK
V
CC - 1.5
-
V
CC
V
Transmitter Disable Voltage
V
DIS
V
CC - 2.0
-
V
CC
V
Transmitter Enable Voltage
V
EN
V
EE
-
V
EE + 0.6
V
LD Bias Alarm
Output Voltage
HIGH Voltage
V
ALMH
V
CC
-
V
EE VCC
V
LOS Voltage
V
ALML
V
EE - 1.0
-
V
EE + 0.5
V
Differential Bias
Monitor Voltage
at 25
V
BM, DIF
-
100
200
mV
Decreasing Light Input
-
300
500
Differential Back Facet Monitor Voltage
V
FM,DIF
10
100
250
mV
1
For +5V single supply modules, connect VCC to +5V and VEE to 0V or GND (circuit ground). The package housing is internally connected to VEE.
For - 5V single supply modules, connect VCC to 0V or GND (circuit ground) and VEE to - 5V. The package housing is internally connected to VCC.
2
R04.2008.04.30
Related OC-48/STM-16 Transceiver & Receiver Modules
SRX-48
: Receiver without Clock Recovery (24-pin DIP)
SRC-48
: Receiver with Clock Recovery (24-pin DIP)
DTR-2488-SM
: Transceiver without Clock Recovery (industry standard 1x9 package)
DTR-2488-SM2
: Transceiver without Clock Recovery (industry standard 2x9 package)
DTC-48
: Transceiver with Clock Recovery (industry standard 2x9 package)


同様の部品番号 - STX448BS4H000P2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STX42N65M5 STMICROELECTRONICS-STX42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ?? 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
June 2009 Rev 3
logo
Suntsu Electronics, Inc...
STX478 SUNTSU-STX478 Datasheet
540Kb / 3P
   Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
STX478-12.800M SUNTSU-STX478-12.800M Datasheet
540Kb / 3P
   Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
STX479 SUNTSU-STX479 Datasheet
551Kb / 3P
   Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
STX479-12.800M SUNTSU-STX479-12.800M Datasheet
551Kb / 3P
   Ceramic Stratum 3 SMT 8 Pad HCMOS TCXO
More results

同様の説明 - STX448BS4H000P2

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
   Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
   Transmitter
logo
Festo Corporation.
537695 FESTO-537695 Datasheet
100Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD Datasheet
841Kb / 9P
   Transmitter
logo
Festo Corporation.
537693 FESTO-537693 Datasheet
99Kb / 1P
   Transmitter
7/13/22
logo
ON Semiconductor
CS212 ONSEMI-CS212 Datasheet
64Kb / 8P
   Transmitter
April, 2001 - Rev. 5
logo
Festo Corporation.
537703 FESTO-537703 Datasheet
104Kb / 1P
   Transmitter
7/13/22
logo
Fuji Electric
EDS7-5I FUJI-EDS7-5I Datasheet
113Kb / 4P
   POSITION TRANSMITTER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com