データシートサーチシステム |
|
LM25085A データシート(PDF) 2 Page - Texas Instruments |
|
LM25085A データシート(HTML) 2 Page - Texas Instruments |
2 / 31 page 8 7 6 5 4 3 2 1 Exposed Pad on Bottom Connect to Ground FB GND ADJ PGATE ISEN VCC RT VIN 1 2 3 4 5 8 7 6 FB PGATE ISEN GND VCC ADJ RT VIN 1 2 3 4 5 8 7 6 Exposed Pad on Bottom Connect to Ground FB PGATE ISEN GND VCC ADJ RT VIN LM25085A SNVS601A – JANUARY 2009 – REVISED MARCH 2009 www.ti.com Connection Diagram Figure 1. Top View 8-Lead MSOP-EP Figure 2. Top View 8-Lead MSOP Figure 3. Top View 8-Lead LLP Pin Functions Pin Descriptions Pin Name Description Application Information No. 1 ADJ Current Limit Adjust The current limit threshold is set by an external resistor from VIN to ADJ in conjunction with the external sense resistor or the PFET’s RDS(ON). 2 RT On-time control and shutdown An external resistor from VIN to RT sets the buck switch on-time and switching frequency. Grounding this pin shuts down the controller. 3 FB Voltage Feedback from the Input to the regulation and over-voltage comparators. The regulation level is 0.9V. regulated output 4 GND Circuit Ground Ground reference for all internal circuitry 5 ISEN Current sense input for current Connect to the PFET drain when using RDS(ON) current sense. Connect to the PFET limit detection. source and the sense resistor when using a current sense resistor. 6 PGATE Gate Driver Output Connect to the gate of the external PFET. 7 VCC Output of the gate driver bias Output of the negative voltage regulator (relative to VIN) that biases the PFET gate regulator driver. A low ESR capacitor is required from VIN to VCC, located as close as possible to the pins. 8 VIN Input supply voltage The operating input range is from 4.5V to 42V. A low ESR bypass capacitor must be located as close as possible to the VIN and GND pins. 2 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Links: LM25085A |
同様の部品番号 - LM25085A_14 |
|
同様の説明 - LM25085A_14 |