データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10506 データシート(PDF) 5 Page - Texas Instruments

部品番号 LM10506
部品情報  Triple Buck LDO Power Management Unit
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10506 データシート(HTML) 5 Page - Texas Instruments

  LM10506_14 Datasheet HTML 1Page - Texas Instruments LM10506_14 Datasheet HTML 2Page - Texas Instruments LM10506_14 Datasheet HTML 3Page - Texas Instruments LM10506_14 Datasheet HTML 4Page - Texas Instruments LM10506_14 Datasheet HTML 5Page - Texas Instruments LM10506_14 Datasheet HTML 6Page - Texas Instruments LM10506_14 Datasheet HTML 7Page - Texas Instruments LM10506_14 Datasheet HTML 8Page - Texas Instruments LM10506_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VIN, VCOMP
−0.3
6
V
VIN_IO, VIN_B1, VIN_B2, VIN_B3, SPI_CS, SPI_DI, SPI_CLK, SPI_DO, IRQ, HL_B2, HL_B3,
−0.3
6
STANDBY, RESET, SW_B1, SW_B2, SW_B3, FB_B1, FB_B2, FB_B3, LDO
Junction Temperature (TJ-MAX)
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Internal thermal shutdown protects device from permanent damage. Thermal shutdown engages at TJ = 140°C and disengages at TJ =
120°C (typ.). Thermal shutdown is ensured by design.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–2000
2000
V(ESD)
Electrostatic discharge
V
pins(1)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN_B1, VIN_B2_VIN_B3, VIN
3
5.5
VIN_IO (< VIN)
1.72
3.63 (but < VIN)
V
All pins except VIN_IO
0
VIN
Junction temperature (TJ)
−40
125
°C
Ambient temperature (TA)
−40
85
Maximum continuous power dissipation (PD-MAX)
(1)
0.9
W
(1)
In applications where high power dissipation and/or poor thermal resistance is present the maximum ambient temperature may have to
be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C),
the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
7.4 Thermal Information
LM10506
THERMAL METRIC(1)
DSBGA
UNIT
34 PINS
RθJA
Junction-to-ambient thermal resistance
44.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM10506


同様の部品番号 - LM10506_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
More results

同様の説明 - LM10506_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com