データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10506 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM10506
部品情報  Triple Buck LDO Power Management Unit
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10506 データシート(HTML) 8 Page - Texas Instruments

Back Button LM10506_14 Datasheet HTML 4Page - Texas Instruments LM10506_14 Datasheet HTML 5Page - Texas Instruments LM10506_14 Datasheet HTML 6Page - Texas Instruments LM10506_14 Datasheet HTML 7Page - Texas Instruments LM10506_14 Datasheet HTML 8Page - Texas Instruments LM10506_14 Datasheet HTML 9Page - Texas Instruments LM10506_14 Datasheet HTML 10Page - Texas Instruments LM10506_14 Datasheet HTML 11Page - Texas Instruments LM10506_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
LM10506
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
Buck 2 Electrical Characteristics
(1)(2)(3) (continued)
Unless otherwise noted, VIN = 5 V where: VIN = VVIN_B1 = VVIN_B2 = VVIN_B3. Limits apply for TJ = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CIN
Input capacitor (5)
4.7
µF
Output filter capacitor
10
10
100
(5)
COUT
0 mA
≤ IOUT ≤ 400 mA
Output capacitor ESR (5)
20
m
L
Output filter inductance (5)
2.2
µH
3.3 V
≤ VIN ≤ 5 V, IOUT = 400
DC line regulation (5)
0.5
%/V
mA
ΔVOUT
DC load regulation (5)
100 mA
≤ IOUT ≤ 400 mA
0.3
%/A
IFB
Feedback pin input bias current
VFB = 1.8 V
1.8
5(4)
µA
135
RDS-ON-HS
High side switch on resistance
VIN = 2.6 V
260
m
RDS-ON-LS
Low side switch on resistance
85
190(4)
STARTUP
Startup from shutdown, VOUT
= 0V, no load, LC =
Internal soft-start (turn on time)
TSTART
recommended circuit, using
0.1
ms
(5)
software enable, to VOUT =
95% of final value
7.8 Buck 3 Electrical Characteristics
(1) (2) (3)
Unless otherwise noted, VIN = 5 V where: VIN = VVIN_B1 = VVIN_B2 = VVIN_B3. Limits apply for TJ = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
DC bias current in VIN
No Load, PFM Mode
15
50(4)
µA
Buck 3 enabled, switching in
IPEAK
Peak switching current limit
0.9(4)
1.2
1.7(4)
A
PWM
η
Efficiency peak, Buck 3 (5)
IOUT = 0.3 A
90%
ƒSW
Switching frequency
1.75(4)
2
2.3(4)
MHz
CIN
Input Capacitor (5)
4.7
µF
Output Filter Capacitor (5)
10
10
100
COUT
0 mA
≤ IOUT ≤ 600 mA
Output Capacitor ESR (5)
20
m
L
Output Filter Inductance (5)
2.2
µH
DC Line regulation (5)
3.3 V
≤ VIN ≤ 5 V, IOUT = 600 mA
0.5
%/V
ΔVOUT
DC Load regulation (5)
150 mA
≤ IOUT ≤ 600 mA
0.3
%/A
Feedback pin input bias
IFB
VFB = 1.2 V
0.9
5(4)
µA
current
135
High Side Switch On
RDS-ON-HS
Resistance
VIN = 2.6 V
260
m
Low Side Switch On
RDS-ON-LS
85
190(4)
Resistance
STARTUP
Startup from shutdown, VOUT = 0
Internal soft-start (turn on
V, no load, LC = recommended
TSTART
0.1
ms
time) (5)
circuit, using software enable, to
VOUT = 95% of final value
(1)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
BUCK normal operation is ensured if VIN ≥ VOUT+1 V.
(4)
Limits apply over the entire operating junction temperature range of
−40°C ≤ TA = TJ ≤ 85°C.
(5)
Specification ensured by design. Not tested during production.
8
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM10506


同様の部品番号 - LM10506_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
More results

同様の説明 - LM10506_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com