データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10506 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM10506
部品情報  Triple Buck LDO Power Management Unit
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10506 データシート(HTML) 11 Page - Texas Instruments

Back Button LM10506_14 Datasheet HTML 7Page - Texas Instruments LM10506_14 Datasheet HTML 8Page - Texas Instruments LM10506_14 Datasheet HTML 9Page - Texas Instruments LM10506_14 Datasheet HTML 10Page - Texas Instruments LM10506_14 Datasheet HTML 11Page - Texas Instruments LM10506_14 Datasheet HTML 12Page - Texas Instruments LM10506_14 Datasheet HTML 13Page - Texas Instruments LM10506_14 Datasheet HTML 14Page - Texas Instruments LM10506_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
3.5
4.0
4.5
5.0
2.970
2.975
2.980
2.985
2.990
2.995
3.000
VIN(V)
3.0
3.5
4.0
4.5
5.0
0.985
0.990
0.995
1.000
1.005
1.010
1.015
VIN(V)
150 200 250 300 350 400 450 500 550 600
1193
1195
1197
1199
1201
1203
1205
1207
1209
1211
1213
IOUT(mA)
3.0
3.5
4.0
4.5
5.0
1.775
1.780
1.785
1.790
1.795
1.800
1.805
VIN(V)
100
150
200
250
300
350
400
2990
2992
2994
2996
2998
3000
3002
3004
3006
3008
3010
IOUT(mA)
150 200 250 300 350 400 450 500 550 600
995
997
999
1001
1003
1005
1007
1009
1011
1013
1015
IOUT(mA)
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
Typical Characteristics (continued)
VIN = 5 V
VOUT = 3 V
VIN = 5 V
VOUT = 1 V
Figure 7. Buck 2 VOUT vs. IOUT
Figure 8. Buck 3 VOUT vs. IOUT
VIN = 5 V
VOUT = 1.2 V
VOUT = 1.8 V
IOUT = 400 mA
Figure 9. Buck 3 VOUT vs. IOUT
Figure 10. Buck 2 VOUT vs. VIN
VOUT = 3 V
IOUT = 400 mA
VOUT = 1 V
IOUT = 600 mA
Figure 11. Buck 2 VOUT vs. VIN
Figure 12. Buck 3 VOUT vs VIN
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM10506


同様の部品番号 - LM10506_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
More results

同様の説明 - LM10506_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com