データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM4T7V6AYCAY データシート(PDF) 4 Page - STMicroelectronics

部品番号 SM4T7V6AYCAY
部品情報  Automotive 400 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T7V6AYCAY データシート(HTML) 4 Page - STMicroelectronics

  SM4T7V6AYCAY Datasheet HTML 1Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 2Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 3Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 4Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 5Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 6Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 7Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 8Page - STMicroelectronics SM4T7V6AYCAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
SM4TY
4/12
Doc ID 17862 Rev 3
Figure 3.
Peak pulse power dissipation
versus initial junction temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0
100
200
300
400
500
0
25
50
75
100
125
150
175
P (W)
PP
T (°C)
j
Pulse = 10/1000 µs
0.1
1.0
10.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
P (kW)
PP
tp(ms)
Figure 5.
Clamping voltage versus peak
pulse current (exponential
waveform, maximum values)
Figure 6.
Junction capacitance versus
reverse applied voltage for
unidirectional types (typical values)
I (A)
PP
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
10/1000 µs
8/20 µs
V (V)
CL
T initial = 25 °C
j
C(pF)
10
100
1000
10000
1
10
100
1000
SM4T6V7AY
SM4T30AY
SM4T82AY
V (V)
R
F = 1 Mhz
V
= 30 mV
T = 25 °C
OSC
RMS
j
Figure 7.
Junction capacitance versus
reverse applied voltage for
bidirectional types (typical values)
Figure 8.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration
C(pF)
10
100
1000
10000
1
10
100
1000
SM4T6V7CAY
SM4T30CAY
SM4T82CAY
V (V)
R
F = 1 Mhz
V
= 30 mV
T = 25 °C
OSC
RMS
j
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Recommended pad layout
Z/R
th(j-a)
th(j-a)
tp(s)
Printed circuit board FR4,
copper thickness = 35 µm


同様の部品番号 - SM4T7V6AYCAY

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SM4T7V6AY STMICROELECTRONICS-SM4T7V6AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T7V6AY STMICROELECTRONICS-SM4T7V6AY Datasheet
642Kb / 14P
   Automotive 400 W TVS in SMA
Rev 5 - January 2022
More results

同様の説明 - SM4T7V6AYCAY

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com