データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM30T28CAY データシート(PDF) 1 Page - STMicroelectronics

部品番号 SM30T28CAY
部品情報  Automotive 3000 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T28CAY データシート(HTML) 1 Page - STMicroelectronics

  SM30T28CAY Datasheet HTML 1Page - STMicroelectronics SM30T28CAY Datasheet HTML 2Page - STMicroelectronics SM30T28CAY Datasheet HTML 3Page - STMicroelectronics SM30T28CAY Datasheet HTML 4Page - STMicroelectronics SM30T28CAY Datasheet HTML 5Page - STMicroelectronics SM30T28CAY Datasheet HTML 6Page - STMicroelectronics SM30T28CAY Datasheet HTML 7Page - STMicroelectronics SM30T28CAY Datasheet HTML 8Page - STMicroelectronics SM30T28CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
June 2014
DocID022065 Rev 3
1/12
SM30TY
Automotive 3000 W Transil™
Datasheet
production data
Features
• Peak pulse power:
– 3000 W (10/1000 µs)
– Up to 28 kW (8/20 µs)
• Stand off voltage range: from 13 V to 33 V
• Unidirectional and bidirectional types
• Operating Tj max: 150 °C
• High power capability at Tjmax:
– 2200 W (10/1000 µs)
• JEDEC registered package outline
• Resin meets UL 94, V0
• AEC-Q101 qualified
Complies with the following standards
• ISO 10605 - C = 150 pF, R = 330 :
– 30 kV (air discharge)
– 30 kV (contact discharge)
• ISO 10605 - C = 330 pF, R = 330
– 30 kV (air discharge)
– 30 kV (contact discharge)
• ISO 7637-2(a):
– Pulse 1: VS = -100 V
– Pulse 2a: VS = +50 V
– Pulse 3a: VS = -150 V
– Pulse 3b: VS = +100 V
Description
The SM30TY Transil series has been designed to
protect automotive sensitive circuits against
surges defined in ISO 7637-2 and against
electrostatic discharges according to ISO 10605.
The Planar technology makes it compatible with
high-end circuits where low leakage current and
high junction temperature are required to provide
reliability and stability over time. The SM30TY
devices are packaged in SMC (SMC footprint in
accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
Unidirectional
Bidirectional
SMC
(JEDEC DO-214AB)
a.
Not applicable to parts with stand-off voltage lower
than the average battery voltage (13.5 V)
www.st.com


同様の部品番号 - SM30T28CAY

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SM30T28CAY STMICROELECTRONICS-SM30T28CAY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
More results

同様の説明 - SM30T28CAY

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
   Automotive 3000 W Transil?
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
   3000 W Transil?
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
   3000 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com