データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM30TY データシート(PDF) 5 Page - STMicroelectronics

部品番号 SM30TY
部品情報  Automotive 3000 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30TY データシート(HTML) 5 Page - STMicroelectronics

  SM30TY Datasheet HTML 1Page - STMicroelectronics SM30TY Datasheet HTML 2Page - STMicroelectronics SM30TY Datasheet HTML 3Page - STMicroelectronics SM30TY Datasheet HTML 4Page - STMicroelectronics SM30TY Datasheet HTML 5Page - STMicroelectronics SM30TY Datasheet HTML 6Page - STMicroelectronics SM30TY Datasheet HTML 7Page - STMicroelectronics SM30TY Datasheet HTML 8Page - STMicroelectronics SM30TY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DocID022065 Rev 3
5/12
SM30TY
Characteristics
12
Figure 11. Thermal resistance junction to ambient versus copper surface under each
lead
Figure 9. Peak forward voltage drop versus
peak forward current
(typical values)
Figure 10. Relative variation of thermal
impedance, junction to ambient, versus pulse
duration
I(A)
FM
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T = 150 °C
j
T = 25 °C
j
V(V)
FM
Z/R
th(j-a)
th(j-a)
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Recommended pad layout
Single pulse
t (s)
p
epoxy printed board, FR4 copper thickness = 35 µm
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S (cm )
Cu
2
epoxy printed board, FR4 copper thickness = 35 µm


同様の部品番号 - SM30TY

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SM30T100AY STMICROELECTRONICS-SM30T100AY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T100CAY STMICROELECTRONICS-SM30T100CAY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T10AY STMICROELECTRONICS-SM30T10AY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T10CAY STMICROELECTRONICS-SM30T10CAY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T117AY STMICROELECTRONICS-SM30T117AY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
More results

同様の説明 - SM30TY

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
   Automotive 3000 W Transil?
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
   3000 W Transil?
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
   3000 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com