データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA-5872 データシート(PDF) 2 Page - Protech Systems Co., Ltd.

部品番号 SA-5872
部品情報  High Performance Desktop Intel짰 i3 / i5 / i7 processors Book PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
ホームページ  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

SA-5872 データシート(HTML) 2 Page - Protech Systems Co., Ltd.

  SA-5872 Datasheet HTML 1Page - Protech Systems Co., Ltd. SA-5872 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SA-5872 HighPerformanceDesktopIntel®i3/i5/i7processors
Book PC
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Nov. 2013.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice
Front View-A0B
Front View-B0B
Side View
Rear View
CPU Support
Intel® CoreTM i3 / i5 / i7 and Pentium® /
Celeron® Processor
Chipset
Intel® PCH H61
Memory Support
2 x DDR3 DIMM socket up to 16GB
Power Supply
ATX 220W
Operating System
Win 7 / XP
System Weight
5 kg (11lb)
Dimension (W x H x D)
Certificate
300 x 94 x 270 mm (11.8" x 3.7" x 10.6" )
FCC / CE
Drive Bays
2 x 2.5" SATA HDD & Slim DVD-ROM x 1
USB
4 x USB 2.0
Serial Port
3 x COM port, COM1/3/4 for RS-232 only,
COM2 (optional): for RS-232/422/485
Keyboard / Mouse
2 x PS/2 port
LAN
2 x RJ-45, 10/100/1000 Mbps
VGA
1 x VGA
Audio
Line-in / Line-out / Mic
Expansion Slots
1 x MiniPCIe , 2 x PCI slot or
1 x PCIe 16x (optional)
Operation Temp.
0° ~ 40° C ( 32° ~ 104° F )
Storage Temp.
- 20° ~ 60° C ( - 4° ~ 140° F )
Humidity
20% ~ 90%
SA-5872RA-A0B
HSF, Intel® i3 / i5 / i7 processors LGA1155
socket + H61 Book Size PC (w/ VGA/ Audio/
2LAN(1G)/ 3COM)
SA-5872RA-A1B
HSF, Intel® i3 / i5 / i7 processors LGA1155
socket + H61 Book Size PC (w/ DVD-ROM/
VGA/ Audio/ 2LAN(1G)/ 3COM)


同様の部品番号 - SA-5872

メーカー部品番号データシート部品情報
logo
Protech Systems Co., Lt...
SA-5852 PROTECHSYSTEMS-SA-5852 Datasheet
515Kb / 2P
   Intel짰 Atom??D2550 Book Size PC
SA-5897 PROTECHSYSTEMS-SA-5897 Datasheet
532Kb / 2P
   High Performance Desktop Intel짰 i3 / i5 / i7 processors Book PC
More results

同様の説明 - SA-5872

メーカー部品番号データシート部品情報
logo
Protech Systems Co., Lt...
SA-5897 PROTECHSYSTEMS-SA-5897 Datasheet
532Kb / 2P
   High Performance Desktop Intel짰 i3 / i5 / i7 processors Book PC
logo
AAEON Technology
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
   Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
logo
Lanner All Rights Reser...
LEC-2580 LANNER-LEC-2580 Datasheet
338Kb / 2P
   High-performance Box PC with Intel짰 6th Gen Skylake Core??i7/i5/i3 CPU
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
logo
Protech Systems Co., Lt...
PMB-871LF PROTECHSYSTEMS-PMB-871LF Datasheet
535Kb / 2P
   ATX MB with Intel짰 Core??i7/i5/i3/Pentium Core??i7/i5/i3/Pentium Dual LAN, DDR3
logo
Lanner All Rights Reser...
LEC-2280 LANNER-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
Advantech Co., Ltd.
ARK-3531 ADVANTECH-ARK-3531 Datasheet
885Kb / 2P
   Intel짰 9th Gen / Core??i3/i5/i7/i9 LGA1151 Fanless Box PC
22-Jan-2021
logo
List of Unclassifed Man...
LEC-2280P2 ETC2-LEC-2280P2 Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
LEC-2280 ETC2-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com