データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP0702-0720J データシート(PDF) 1 Page - PREMO CORPORATION S.L

部品番号 TP0702-0720J
部品情報  SMD Hard Ferrite Mechanically Improved Transponder Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PREMO [PREMO CORPORATION S.L]
ホームページ  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

TP0702-0720J データシート(HTML) 1 Page - PREMO CORPORATION S.L

  TP0702-0720J Datasheet HTML 1Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
22
TP0702
SMD Hard Ferrite Mechanically Improved Transponder Inductor
Dimensions
7.7x3x2.2 mm (2.38 mH - 10.8 mH)
Electrical specications
P/N
L (mH)
@125 kHz
Tolerance
Cres (pF)
Q @125 kHz
SRF
(kHz)
Sensitivity
(mVpp/App/m)
@125 kHz
TP0702-0238J
2.38
±5%
680
>30
>750
>25
TP0702-0491J
4.91
±5%
330
>35
>550
>35
TP0702-0720J
7.20
±5%
225
>20
>450
>49
TP0702-0900J
9.00
±5%
180
>25
>400
>53
This chart is a reference guide for the most common required values at working
frequency of 125 kHz. Any other inductance value at LF or tighter tolerances can
be provided. Please contact our sales department for any inquiry.
Sensitivity measured with Helmholtz coils H=8.36 App/m @125 kHz. Contact us
for measurement speci cation.
SRF: Self Resonant Frequency of the coil.
Cres: Capacitor for tuning circuits (125 kHz).
transponder inductors page.
Features
This TP0702 Series of Surface Mountable ferrite wound
inductor is a stronger solution in very small dimensions
performing very good electrical properties, a very good
solution for RTPMS, Keyless Go and Keyless entry
systems.
Characteristics:
- Size: 7.7 x 3 x 2.2 mm.
- Very good mechanical performance.
- High sensitivity in the smallest volume.
- Very stable electrical properties in full operational
temperature range (-40
J +125 ºC).
- Good performance in thermal shock.
- Big metallised pad area Pb free.
- Good cost/performance ratio.
- Due to its small dimensions, it’s a suitable design for
other applications working at lower frequencies.
- This component is also functional to 20kHz and
134kHz.
Layout


同様の部品番号 - TP0702-0720J

メーカー部品番号データシート部品情報
logo
PREMO CORPORATION S.L
TP0702-0720J PREMO-TP0702-0720J Datasheet
197Kb / 1P
   SMD Hard Ferrite Mechanically Improved Transponder Inductor
More results

同様の説明 - TP0702-0720J

メーカー部品番号データシート部品情報
logo
PREMO CORPORATION S.L
TP0702 PREMO-TP0702 Datasheet
197Kb / 1P
   SMD Hard Ferrite Mechanically Improved Transponder Inductor
TP0602 PREMO-TP0602 Datasheet
231Kb / 1P
   Micro SMD Hard Ferrite Transponder Inductor
TP0602 PREMO-TP0602_14 Datasheet
64Kb / 1P
   Micro SMD Hard Ferrite Transponder Inductor
TP0702CAP PREMO-TP0702CAP Datasheet
108Kb / 1P
   SMD CAP Hard Ferrite Transponder Inductor
TR1504 PREMO-TR1504 Datasheet
210Kb / 1P
   SMD Ferrite Transponder Inductor
TR1102 PREMO-TR1102_14 Datasheet
129Kb / 1P
   SMD Ferrite Transponder Inductor
TR1102 PREMO-TR1102 Datasheet
429Kb / 2P
   SMD Ferrite Transponder Inductor
TR1102CAP PREMO-TR1102CAP Datasheet
93Kb / 1P
   SMD CAP Ferrite Transponder Inductor
TP0602-TC PREMO-TP0602-TC Datasheet
150Kb / 1P
   Micro SMD Hard Ferrite Telecoil
logo
Wurth Elektronik GmbH &...
744760356A WURTH-744760356A Datasheet
863Kb / 5P
   WE-RFI Ferrite SMD Inductor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com