データシートサーチシステム |
|
PZU36ADG データシート(PDF) 10 Page - NXP Semiconductors |
|
PZU36ADG データシート(HTML) 10 Page - NXP Semiconductors |
10 / 14 page PZUXBA_SER_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 19 September 2008 10 of 14 NXP Semiconductors PZUxBA series Single Zener diodes 8. Test information 8.1 Quality information This product has been qualified in accordance with the Automotive Electronics Council (AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in automotive applications. 9. Package outline 10. Packing information [1] For further information and the availability of packing methods, see Section 13. Fig 8. Package outline SOD323 (SC-76) 03-12-17 Dimensions in mm 0.25 0.10 0.45 0.15 2.7 2.3 1.8 1.6 0.40 0.25 1.1 0.8 1.35 1.15 1 2 Table 10. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number Package Description Packing quantity 3000 10000 PZU2.4BA to PZU36BA SOD323 4 mm pitch, 8 mm tape and reel -115 -135 PZU2.4BA/DG to PZU36BA/DG |
同様の部品番号 - PZU36ADG |
|
同様の説明 - PZU36ADG |