データシートサーチシステム |
|
PZU39ADG データシート(PDF) 8 Page - NXP Semiconductors |
|
PZU39ADG データシート(HTML) 8 Page - NXP Semiconductors |
8 / 14 page PZUXBA_SER_1 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 01 — 19 September 2008 8 of 14 NXP Semiconductors PZUxBA series Single Zener diodes Tj =25 °C (prior to surge) Tj =25 °C Fig 1. Non-repetitive peak reverse power dissipation as a function of pulse duration; maximum values Fig 2. Forward current as a function of forward voltage; typical values Tj =25 °C to 150 °C VZ = 2.4 V to 4.3 V Tj =25 °C to 150 °C VZ = 4.7 V to 12 V Fig 3. Temperature coefficient as a function of working current; typical values Fig 4. Temperature coefficient as a function of working current; typical values 006aab215 102 10 103 PZSM (W) 1 tp (s) 10−4 10−2 10−3 VF (V) 0.6 1 0.8 mbg781 100 200 300 IF (mA) 0 060 0 −2 −3 −1 mgl273 20 40 IZ (mA) SZ (mV/K) 4.3 3.9 3.6 3.3 3.0 2.4 2.7 020 16 10 0 −5 5 mgl274 48 12 IZ (mA) SZ (mV/K) 4.7 12 11 10 9.1 8.2 7.5 6.8 6.2 5.6 5.1 |
同様の部品番号 - PZU39ADG |
|
同様の説明 - PZU39ADG |