データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V-164-1AR5 データシート(PDF) 8 Page - Omron Electronics LLC

部品番号 V-164-1AR5
部品情報  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-164-1AR5 データシート(HTML) 8 Page - Omron Electronics LLC

Back Button V-164-1AR5 Datasheet HTML 4Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 5Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 6Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 7Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 8Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 9Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 10Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 11Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
128
Snap Action Switch
V
Dimensions
■ Terminals
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The following table is for the SPDT contact specifications. Two terminals will be available for SPST-NO or SPST-NC contact specifications.
For terminal positions, refer to the above Contact Form
3. Right-angle PCB terminal type is available with some models (not shown). Drawings will be provided if requested.
D5: Pins at right angles, to the right
D6: Pins at right angle, to the left
Terminal type
Solder Terminal
(A)
Quick-connect Terminal
(#187) (C2)
Quick-connect Terminal
(#250) (C)
COM
bottom position
COM
side position
Terminal
dimensions
t = 0.5
Three, solder terminals
(10)
2.9
(6.5)
(5.5)
t = 0.5
Three, quick-connect
terminals (#187)
(10)
2.9
(6.5)
(5.5)
t = 0.8
Three, quick-connect
terminals (#250)
(12.0)
3.2
(7.7)
(4.9)
(10)
2.4
(6.5)
(5.5)
(10)
2.4
(6.5)
(5.5)
(12.0)
3.6
(7.7)
(4.9)
1.6 dia.
2.4 dia.
4.75
±0.1
6.35
3.2 (see note)
Note:
Indicates the length to the
center of the 1.6-dia. holes
1.6-dia. terminal hole
4.75
±0.1
3.2
6.35
1.65-dia. terminal hole
6.35
±0.1
3.95
8.1


同様の部品番号 - V-164-1AR5

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V-164-1AR5 OMRON-V-164-1AR5 Datasheet
1Mb / 16P
   Snap Action Switch
V-164-1AR5 OMRON-V-164-1AR5 Datasheet
1Mb / 16P
   Snap Action Switch
More results

同様の説明 - V-164-1AR5

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com