データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ31707 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMZ31707
部品情報  7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31707 データシート(HTML) 6 Page - Texas Instruments

Back Button LMZ31707 Datasheet HTML 2Page - Texas Instruments LMZ31707 Datasheet HTML 3Page - Texas Instruments LMZ31707 Datasheet HTML 4Page - Texas Instruments LMZ31707 Datasheet HTML 5Page - Texas Instruments LMZ31707 Datasheet HTML 6Page - Texas Instruments LMZ31707 Datasheet HTML 7Page - Texas Instruments LMZ31707 Datasheet HTML 8Page - Texas Instruments LMZ31707 Datasheet HTML 9Page - Texas Instruments LMZ31707 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LMZ31707
SLVSBV7A – JUNE 2013 – REVISED AUGUST 2013
www.ti.com
Table 2. PIN DESCRIPTIONS
TERMINAL
DESCRIPTION
NAME
NO.
2
Zero volt reference for the analog control circuit. These pins are not connected together internal to the
AGND
device and must be connected to one another using an AGND plane of the PCB. These pins are associated
23
with the internal analog ground (AGND) of the device. See Layout Recommendations.
20
21
This is the return current path for the power stage of the device. Connect these pins to the load and to the
PGND
31
bypass capacitors associated with PVIN and VOUT.
32
33
Input bias voltage pin. Supplies the control circuitry of the power converter. Connect this pin to the input bias
VIN
3
supply. Connect bypass capacitors between this pin and PGND.
1
11
Input switching voltage. Supplies voltage to the power switches of the converter. Connect these pins to the
PVIN
12
input supply. Connect bypass capacitors between these pins and PGND.
39
40
34
35
36
Output voltage. These pins are connected to the internal output inductor. Connect these pins to the output
VOUT
load and connect external bypass capacitors between these pins and PGND.
37
38
41
10
13
14
15
Phase switch node. These pins must be connected to one another using a small copper island under the
PH
16
device for thermal relief. Do not place any external component on these pins or tie them to a pin of another
function.
17
18
19
42
5
Do Not Connect. Do not connect these pins to AGND, to another DNC pin, or to any other voltage. These
DNC
9
pins are connected to internal circuitry. Each pin must be soldered to an isolated pad.
24
Current share pin. Connect this pin to other LMZ31707 device's ISHARE pin when paralleling multple
ISHARE
25
LMZ31707 devices. When unused, treat this pin as a Do Not Connect (DNC) and leave it isolated from all
other signals or ground.
Over current protection select pin. Leave this pin open for hiccup mode operation. Connect this pin to AGND
OCP_SEL
4
for cycle-by-cycle operation. See Overcurrent Protection for more details.
Current limit pin. Leave this pin open for full current limit threshold. Connect this pin to AGND to reduce the
ILIM
6
current limit threshold by appoximately 3 A.
SYNC_OUT
7
Synchronization output pin. Provides a 180° out-of-phase clock signal.
Power Good flag pin. This open drain output asserts low if the output voltage is more than approximately
PWRGD
8
±6% out of regulation. A pull-up resistor is required.
This pin is connected to an internal frequency setting resistor which sets the default switching frequency. An
RT/CLK
22
external resistor can be connected from this pin to AGND to increase the frequency. This pin can also be
used to synchronize to an external clock.
VADJ
26
Connecting a resistor between this pin and AGND sets the output voltage.
Remote sense connection. This pin must be connected to VOUT at the load or at the device pins. Connect
SENSE+
27
this pin to VOUT at the load for improved regulation.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31707


同様の部品番号 - LMZ31707

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31707 TI-LMZ31707 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707EVM-002 TI-LMZ31707EVM-002 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31707RVQR TI1-LMZ31707RVQR Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results

同様の説明 - LMZ31707

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710 TI1-LMZ31710 Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com