データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1973 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM1973
部品情報  LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1973 データシート(HTML) 8 Page - Texas Instruments

Back Button LM1973_14 Datasheet HTML 4Page - Texas Instruments LM1973_14 Datasheet HTML 5Page - Texas Instruments LM1973_14 Datasheet HTML 6Page - Texas Instruments LM1973_14 Datasheet HTML 7Page - Texas Instruments LM1973_14 Datasheet HTML 8Page - Texas Instruments LM1973_14 Datasheet HTML 9Page - Texas Instruments LM1973_14 Datasheet HTML 10Page - Texas Instruments LM1973_14 Datasheet HTML 11Page - Texas Instruments LM1973_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LM1973
SNAS093B – DECEMBER 1994 – REVISED MARCH 2013
www.ti.com
LM1973 Channel Attenuation
vs Digital Step Value
(Programmed 2.0dB Steps)
Figure 18. LM1973 2.0dB Attenuation Step Scheme
Figure 19. Mono Level Control with Panning Circuit
INPUT IMPEDANCE
The input impedance of a
μPot is constant at a nominal 40 kΩ. To eliminate any unwanted DC components from
propagating through the device it is common to use 1
μF input coupling caps. This is not necessary, however, if
the dc offset from the previous stage is negligible. For higher performance systems, input coupling caps are
preferred.
OUTPUT IMPEDANCE
The output of a
μPot varies typically between 25 kΩ and 35 kΩ and changes nonlinearly with step changes.
Since a
μPot is made up of a resistor ladder network with a logarithmic attenuation, the output impedance is
nonlinear. Due to this configuration, a
μPot cannot be considered as a linear potentiometer, but can be
considered only as a logarithmic attenuator.
It should be noted that the linearity of a
μPot cannot be measured directly without a buffer because the input
impedance of most measurement systems is not high enough to provide the required accuracy. Due to the low
impedance of the measurement system, the output of the
μPot would be loaded down and an incorrect reading
will result. To prevent loading from occurring, a JFET input op amp should be used as the buffer/amplifier. The
performance of a
μPot is limited only by the performance of the external buffer/amplifier.
MUTE FUNCTION
One major feature of a
μPot is its ability to mute the input signal to an attenuation level of 104dB as shown in
Figure 16. This is accomplished internally by physically isolating the output from the input while also grounding
the output pin through approximately 2 k
Ω.
8
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LM1973


同様の部品番号 - LM1973_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1973 TI1-LM1973_16 Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
More results

同様の説明 - LM1973_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973 TI1-LM1973_16 Datasheet
1Mb / 21P
[Old version datasheet]   3-Channel 76dB Audio Attenuator
logo
National Semiconductor ...
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
   3 Channel 30W Audio Power Amplifier with Mute
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
   LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
[Old version datasheet]   3 Channel 20W Audio Power Amplifier with Mute and Standby
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
   3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4734 NSC-LM4734 Datasheet
1Mb / 24P
   3 Channel 20W Audio Power Amplifier with Mute and Standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com