データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1972 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM1972
部品情報  LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972 データシート(HTML) 6 Page - Texas Instruments

Back Button LM1972_14 Datasheet HTML 2Page - Texas Instruments LM1972_14 Datasheet HTML 3Page - Texas Instruments LM1972_14 Datasheet HTML 4Page - Texas Instruments LM1972_14 Datasheet HTML 5Page - Texas Instruments LM1972_14 Datasheet HTML 6Page - Texas Instruments LM1972_14 Datasheet HTML 7Page - Texas Instruments LM1972_14 Datasheet HTML 8Page - Texas Instruments LM1972_14 Datasheet HTML 9Page - Texas Instruments LM1972_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LM1972
SNAS094D – APRIL 1995 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Supply Current vs
Supply Current vs
Supply Voltage
Temperature
Figure 4.
Figure 5.
Noise Floor Spectrum by FFT
THD
Amplitude
vs
vs
Freq by FFT
Frequency
VDD − VSS = 12V
Figure 6.
Figure 7.
THD
vs
VOUT at
1 KHz by FFT
VDD − VSS = 12V
Crosstalk Test
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1972


同様の部品番号 - LM1972_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
More results

同様の説明 - LM1972_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
[Old version datasheet]   LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
   LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com