データシートサーチシステム |
|
LM1972MNOPB データシート(PDF) 11 Page - Texas Instruments |
|
LM1972MNOPB データシート(HTML) 11 Page - Texas Instruments |
11 / 21 page LM1972 www.ti.com SNAS094D – APRIL 1995 – REVISED MARCH 2013 Table 1. LM1972 Micropot Attenuator Register Set Description (continued) MSB: LSB 0111 1100 76.0 0111 1101 77.0 0111 1110 78.0 0111 1111 100.0 (Mute) 1000 0000 100.0 (Mute) : : : : : : : 1111 1110 100.0 (Mute) 1111 1111 100.0 (Mute) Figure 20. Serial Data Format Transfer Process μPot SYSTEM ARCHITECTURE The μPot's digital interface is essentially a shift register, where serial data is shifted in, latched, and then decoded. As new data is shifted into the DATA-IN pin, the previously latched data is shifted out the DATA-OUT pin. Once the data is shifted in, the LOAD/SHIFT line goes high, latching in the new data. The data is then decoded and the appropriate switch is activated to set the desired attenuation level for the selected channel. This process is continued each and every time an attenuation change is made. Each channel is updated, only, when that channel is selected for an attenuator change or the system is powered down and then back up again. When the μPot is powered up, each channel is placed into the muted mode. μPot LADDER ARCHITECTURE Each channel of a μPot has its own independent resistor ladder network. As shown in Figure 21, the ladder consists of multiple R1/R2 elements which make up the attenuation scheme. Within each element there are tap switches that select the appropriate attenuation level corresponding to the data bits in Table 1. It can be seen in Figure 21 that the input impedance for the channel is a constant value regardless of which tap switch is selected, while the output impedance varies according to the tap switch selected. Figure 21. μPot Ladder Architecture DIGITAL LINE COMPATIBILITY The μPot's digital interface section is compatible with either TTL or CMOS logic due to the shift register inputs acting upon a threshold voltage of 2 diode drops or approximately 1.4V. Copyright © 1995–2013, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM1972 |
同様の部品番号 - LM1972MNOPB |
|
同様の説明 - LM1972MNOPB |