データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A63157 データシート(PDF) 4 Page - Texas Instruments

部品番号 TS5A63157
部品情報  12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A63157 データシート(HTML) 4 Page - Texas Instruments

  TS5A63157_14 Datasheet HTML 1Page - Texas Instruments TS5A63157_14 Datasheet HTML 2Page - Texas Instruments TS5A63157_14 Datasheet HTML 3Page - Texas Instruments TS5A63157_14 Datasheet HTML 4Page - Texas Instruments TS5A63157_14 Datasheet HTML 5Page - Texas Instruments TS5A63157_14 Datasheet HTML 6Page - Texas Instruments TS5A63157_14 Datasheet HTML 7Page - Texas Instruments TS5A63157_14 Datasheet HTML 8Page - Texas Instruments TS5A63157_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY
TS5A63157
SCDS203A – DECEMBER 2005 – REVISED JULY 2009................................................................................................................................................... www.ti.com
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
Voltage
VIKU
0
≥ (INC, INO, or ICOM) ≥ –50 mA
5.5 V
–2
V
undershoot
25°C
4.6
11
Peak ON-state
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
rpeak
4.5 V
resistance
ICOM = –30 mA,
See Figure 13
Full
13
VNO or VNC = 0,
25°C
4
6.5
ICOM = 30 mA
Full
8
VNO or VNC = 2.4 V,
25°C
4
8
ON-state
Switch ON,
ron
4.5 V
ICOM = –30 mA
resistance
See Figure 13
Full
10
VNO or VNC = 4.5 V,
25°C
5.5
10
ICOM = –30 mA
Full
12
ON-state
25°C
0.1
0.14
resistance
VNO or VNC = 3.15 V,
Switch ON,
match
Δron
4.5 V
ICOM = –30 mA,
See Figure 13
Full
0.15
between
channels
ON-state
25°C
1.5
2
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
resistance
ron(flat)
4.5 V
ICOM = –30 mA,
See Figure 13
Full
4
flatness
25°C
0.001
0.03
INC(OFF),
VNC or VNO = 0 to V+,
Switch OFF,
5.5 V
NC, NO
INO(OFF)
VCOM = V+ to 0
See Figure 14
Full
0.05
OFF leakage
µA
25°C
0.15
1
INC(PWROFF),
VNC or VNO = 0 to 5.5 V,
Switch OFF,
current
0
INOPWROFF)
VCOM = 5.5 V to 0,
See Figure 14
Full
5
COM
25°C
0.2
1
VCOM = 0 to 5.5 V,
Switch ON,
OFF leakage
ICOM(PWROFF)
0
µA
VNC or VNO = 5.5 V to 0,
See Figure 14
Full
10
current
NC, NO
25°C
0.001
0.01
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
ON leakage
5.5 V
µA
INO(ON)
VCOM = Open,
See Figure 15
Full
0.02
current
COM
25°C
0.003
0.03
VNC or VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
5.5 V
µA
VCOM = 0 to V+,
See Figure 15
Full
0.05
current
Digital Control Input (IN)
Input logic
V+
VIH
Full
5.5
V
high
× 0.7
V+
Input logic low
VIL
Full
0
V
× 0.3
25°C
0.05
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
5.5 V
µA
current
Full
0.02
4
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): TS5A63157


同様の部品番号 - TS5A63157_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - TS5A63157_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com