データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A3157 データシート(PDF) 4 Page - Texas Instruments

部品番号 TS5A3157
部品情報  10-廓 SPDT ANALOG SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3157 データシート(HTML) 4 Page - Texas Instruments

  TS5A3157_14 Datasheet HTML 1Page - Texas Instruments TS5A3157_14 Datasheet HTML 2Page - Texas Instruments TS5A3157_14 Datasheet HTML 3Page - Texas Instruments TS5A3157_14 Datasheet HTML 4Page - Texas Instruments TS5A3157_14 Datasheet HTML 5Page - Texas Instruments TS5A3157_14 Datasheet HTML 6Page - Texas Instruments TS5A3157_14 Datasheet HTML 7Page - Texas Instruments TS5A3157_14 Datasheet HTML 8Page - Texas Instruments TS5A3157_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
Electrical Characteristics for 5-V Supply
(1) (Continued)
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS219A – NOVEMBER 2005 – REVISED OCTOBER 2007
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
5 V
1
6
8.5
VCOM = 3 V,
CL = 35 pF,
Turn-on time
tON
ns
4.5 V to
RL = 300 Ω,
See Figure 17
Full
1
9.5
5.5 V
25
°C
5 V
1
3.5
6.5
VCOM = 3 V,
CL = 35 pF,
Turn-off time
tOFF
ns
4.5 V to
RL = 300 Ω,
See Figure 17
Full
1
7.5
5.5 V
25
°C
5 V
1.8
2
3
Break-before-
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
ns
4.5 V to
make time
RL = 50 Ω,
See Figure 18
Full
1.8
3.5
5.5 V
VGEN = 0,
CL = 0.1 nF,
Charge injection
QC
25
°C
5 V
7
pC
RGEN = 0,
See Figure 22
NO, NC
CNO(OFF), VNO or VNC = V+ or GND,
See Figure 16
25
°C
5 V
5.5
pF
OFF capacitance
CNC(OFF) Switch OFF,
NO, NC
CNO(ON), VNO or VNC = V+ or GND,
See Figure 16
25
°C
5 V
17.5
pF
ON capacitance
CNC(ON)
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 16
25
°C
5 V
17.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25
°C
5 V
2.8
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 19
25
°C
5 V
300
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
5 V
–65
dB
f = 10 MHz,
See Figure 20
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
5 V
–66
dB
f = 10 MHz,
See Figure 21
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25
°C
5 V
0.01
%
distortion
CL = 50 pF,
See Figure 23
Supply
25
°C
2.5
5
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
5.5 V
μA
current
Full
10
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
4
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TS5A3157


同様の部品番号 - TS5A3157_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
More results

同様の説明 - TS5A3157_14

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com