データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A4751PWR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3A4751PWR
部品情報  0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A4751PWR データシート(HTML) 8 Page - Texas Instruments

Back Button TS3A4751PWR Datasheet HTML 4Page - Texas Instruments TS3A4751PWR Datasheet HTML 5Page - Texas Instruments TS3A4751PWR Datasheet HTML 6Page - Texas Instruments TS3A4751PWR Datasheet HTML 7Page - Texas Instruments TS3A4751PWR Datasheet HTML 8Page - Texas Instruments TS3A4751PWR Datasheet HTML 9Page - Texas Instruments TS3A4751PWR Datasheet HTML 10Page - Texas Instruments TS3A4751PWR Datasheet HTML 11Page - Texas Instruments TS3A4751PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
APPLICATION INFORMATION
Logic Inputs
Analog Signal Levels
Layout
TS3A4751
SCDS227D – JULY 2006 – REVISED JULY 2008 .............................................................................................................................................................. www.ti.com
Proper power-supply sequencing is recommended for all CMOS devices. Do not exceed the absolute maximum
ratings because stresses beyond the listed ratings can cause permanent damage to the devices. Always
sequence V+ on first, followed by NO or COM.
Although it is not required, power-supply bypassing improves noise margin and prevents switching noise
propagation from the V+ supply to other components. A 0.1-µF capacitor, connected from V+ to GND, is
adequate for most applications.
The TS3A4751 logic inputs can be driven up to 3.6 V, regardless of the supply voltage. For example, with a
1.8-V supply, IN may be driven low to GND and high to 3.6 V. Driving IN rail to rail minimizes power
consumption.
Analog signals that range over the entire supply voltage (V+ to GND) can be passed with very little change in ron
(see Typical Operating Characteristics). The switches are bidirectional, so NO and COM can be used as either
inputs or outputs.
High-speed switches require proper layout and design procedures for optimum performance. Reduce stray
inductance and capacitance by keeping traces short and wide. Ensure that bypass capacitors are as close to the
device as possible. Use large ground planes where possible.
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3A4751


同様の部品番号 - TS3A4751PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A4751PWR TI-TS3A4751PWR Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751PWR TI-TS3A4751PWR Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751PWRG4 TI-TS3A4751PWRG4 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751PWRG4 TI-TS3A4751PWRG4 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
More results

同様の説明 - TS3A4751PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com