データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U13 データシート(PDF) 6 Page - C&K Components

部品番号 U13
部品情報  Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

U13 データシート(HTML) 6 Page - C&K Components

Back Button U13 Datasheet HTML 2Page - C&K Components U13 Datasheet HTML 3Page - C&K Components U13 Datasheet HTML 4Page - C&K Components U13 Datasheet HTML 5Page - C&K Components U13 Datasheet HTML 6Page - C&K Components U13 Datasheet HTML 7Page - C&K Components U13 Datasheet HTML 8Page - C&K Components U13 Datasheet HTML 9Page - C&K Components U13 Datasheet HTML 10Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
7000 Series
Miniature Rocker & Lever Handle Switches
ACTUATOR–SNAP-IN FRONT MOUNT
PANEL MOUNTING
J51, J60 & J61 Actuators
*
J52 Actuator
*
J51
ROCKER WITH FRAME, SNAP-IN
J52
ROCKER WITH FRAME FOR LED, SNAP-IN
J60
LEVER, SNAP-IN
J61
LEVER WITH FRAME, SNAP-IN
Finish: Matte. Other colors, custom actuator
markings and legends available, consult Customer
Service Center.
NOTE: Actuators & frames available separately, see
pages G-22 and G-25. J51, J52, J60 & J61 Actuators
available with 71XX, 72XX, U1XX & U2XX models
and C, W-W5, Z and Z3 terminations.
For J51, J52: Increase this dimension to .620/.625
(15,75/15,88) for .060/.125(1,52/3,18) thk. panels.
No frame color choice required
LED not included.
For LED information, see page H-24.
2
BLACK
1
WHITE
3
RED
ACTUATOR
COLOR
OPTION
CODE
2
BLACK
NONE
No Frame Color
(J15 or J25 options)
1
WHITE
FRAME COLOR
OPTION
CODE
ACTUATOR COLOR
FRAME COLOR
ACTUATOR
G
G–9
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


同様の部品番号 - U13

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
U13 ETC2-U13 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U13 ETC2-U13 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
U130 ETC2-U130 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U130 ETC2-U130 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Intel Corporation
U1300 INTEL-U1300 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
More results

同様の説明 - U13

メーカー部品番号データシート部品情報
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1ZQE CK-COMPONENTS-7201J1ZQE Datasheet
1Mb / 22P
   7000 Series Miniature Rocker Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com