データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U19 データシート(PDF) 3 Page - C&K Components

部品番号 U19
部品情報  Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

U19 データシート(HTML) 3 Page - C&K Components

  U19 Datasheet HTML 1Page - C&K Components U19 Datasheet HTML 2Page - C&K Components U19 Datasheet HTML 3Page - C&K Components U19 Datasheet HTML 4Page - C&K Components U19 Datasheet HTML 5Page - C&K Components U19 Datasheet HTML 6Page - C&K Components U19 Datasheet HTML 7Page - C&K Components U19 Datasheet HTML 8Page - C&K Components U19 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
7000 Series
Miniature Rocker & Lever Handle Switches
SWITCH FUNCTION
C&K marking on opposite side
C&K marking on opposite side
* Wiring for 3-way switch: See Technical Data section of this
catalog for RoHS compliant and compatible definitions and
specifications.
MOM. = Momentary
** U11 through U411 model nos.
with all options when ordered with G, Q, R or S contact material.
7301
7303
U31
U33
3P
ON
NONE
ON
ON
OFF
ON
7401
7405
7411*
U41
U45
U411*
ON
NONE
ON
MOM.
OFF
MOM.
ON
ON
ON
2-3,5-6,8-9,11-12
N/A
OPEN
2-3,5-4,8-9,11-10
2-1,5-4,8-7,11-10
4PDT
4P
2-3,5-6,8-9
N/A
OPEN
2-1,5-4,8-7
3PDT
NO.
POLES
MODEL NO.
UL**
MODEL
NO.
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
SCHEMATIC
Part number shown: 7301J1ZQE2
3PDT
Terminal Nos.
For Reference Only
4PDT
Terminal Nos.
For Reference Only
Part number shown: 7401J1ZQE2
G–6
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
G


同様の部品番号 - U19

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
U19 ETC2-U19 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U19 ETC2-U19 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Belden Inc.
U19142 BELDEN-U19142 Datasheet
146Kb / 2P
   TC-ER XLPE/LSZH, 19 C #14 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
01-10-2024
logo
List of Unclassifed Man...
U1916 ETC2-U1916 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U1916 ETC2-U1916 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
More results

同様の説明 - U19

メーカー部品番号データシート部品情報
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1ZQE CK-COMPONENTS-7201J1ZQE Datasheet
1Mb / 22P
   7000 Series Miniature Rocker Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com