データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A4741 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3A4741
部品情報  0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A4741 データシート(HTML) 7 Page - Texas Instruments

Back Button TS3A4741 Datasheet HTML 3Page - Texas Instruments TS3A4741 Datasheet HTML 4Page - Texas Instruments TS3A4741 Datasheet HTML 5Page - Texas Instruments TS3A4741 Datasheet HTML 6Page - Texas Instruments TS3A4741 Datasheet HTML 7Page - Texas Instruments TS3A4741 Datasheet HTML 8Page - Texas Instruments TS3A4741 Datasheet HTML 9Page - Texas Instruments TS3A4741 Datasheet HTML 10Page - Texas Instruments TS3A4741 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
−120
−100
−80
−60
−40
−20
0
0
Frequency (MHz)
0.1
1
1000
10
100
TS3A4741,, TS3A4742
0.9-
Ω LOW-VOLTAGE SINGLE-SUPPLY
DUAL SPST ANALOG SWITCHES
SCDS228D – AUGUST 2006 – REVISED JANUARY 2008
TYPICAL PERFORMANCE (continued)
Figure 13. Crosstalk vs Frequency
(V+ = 3 V)
PIN DESCRIPTION
PIN NO.
TS3A4741
TS3A4742
NAME
DESCRIPTION
MSOP
SOT-23
MSOP
SOT-23
(DGK)
(DCN)
(DGK)
(DCN)
2, 6
7, 4
2, 6
7, 4
COM1, COM2
Common
4
5
4
5
GND
Digital ground
7, 3
1, 6
7, 3
1, 6
IN1, IN2
Digital control to connect COM to NO or NC
1, 5
8, 3
NC1, NC2
Normally closed
1, 5
8, 3
NO1, NO2
Normally open
8
2
8
2
V+
Power supply
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS3A4741 TS3A4742


同様の部品番号 - TS3A4741

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741DCNR TI-TS3A4741DCNR Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4741DCNR TI-TS3A4741DCNR Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
More results

同様の説明 - TS3A4741

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_15 Datasheet
981Kb / 26P
[Old version datasheet]   TS3A474x 0.9-廓 Low-Voltage Single-Supply 2-Channel SPST Analog Switches
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
logo
ams AG
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com