データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2DDR2811 データシート(PDF) 5 Page - Texas Instruments

部品番号 TS2DDR2811
部品情報  1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS2DDR2811 データシート(HTML) 5 Page - Texas Instruments

  TS2DDR2811_14 Datasheet HTML 1Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 2Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 3Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 4Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 5Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 6Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 7Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 8Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
−100
−80
−60
−40
−20
0
Frequency (MHz)
0.1
1
1000
10
100
10,000
−12
−10
−8
−6
−4
−2
0
Frequency (MHz)
0.1
1
1000
10
100
Frequency (MHz)
10,000
0
1
2
3
4
5
6
0
1
2
3
4
5
6
VCOM (V)
−100
−80
−60
−40
−20
0
Frequency (MHz)
0.1
1
1000
10
100
10,000
TS2DDR2811
www.ti.com
SCDS294 – DECEMBER 2009
OPERATING CHARACTERISTICS
Figure 1. Gain vs Frequency
Figure 2. OFF Isolation vs Frequency
Figure 3. Crosstalk vs Frequency
Figure 4. rON (Ω) vs Vcom (V)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS2DDR2811


同様の部品番号 - TS2DDR2811_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS2DDR2811ZXYR TI-TS2DDR2811ZXYR Datasheet
230Kb / 13P
[Old version datasheet]   1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
More results

同様の説明 - TS2DDR2811_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS2DDR2811 TI-TS2DDR2811 Datasheet
230Kb / 13P
[Old version datasheet]   1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
logo
Stanford Microdevices
SSW-524 STANFORD-SSW-524 Datasheet
198Kb / 3P
   DC - 8 GHZ GAAS MMIC SPST SWITCH
logo
Texas Instruments
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
logo
Texas Instruments
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
logo
Texas Instruments
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
logo
Texas Instruments
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com