データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM239A-EP データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM239A-EP
部品情報  QUAD DIFFERENTIAL COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM239A-EP データシート(HTML) 5 Page - Texas Instruments

  LM239A-EP Datasheet HTML 1Page - Texas Instruments LM239A-EP Datasheet HTML 2Page - Texas Instruments LM239A-EP Datasheet HTML 3Page - Texas Instruments LM239A-EP Datasheet HTML 4Page - Texas Instruments LM239A-EP Datasheet HTML 5Page - Texas Instruments LM239A-EP Datasheet HTML 6Page - Texas Instruments LM239A-EP Datasheet HTML 7Page - Texas Instruments LM239A-EP Datasheet HTML 8Page - Texas Instruments LM239A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
IO – Output Sink Current – mA
T = –55°C
A
T = 25°C
A
T = 125°C
A
LM239A-EP
www.ti.com
SCLS496C – MAY 2003 – REVISED JULY 2010
TYPICAL CHARACTERISTICS
SUPPLY CURRENT
INPUT BIAS CURRENT
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
OUTPUT SATURATION VOLTAGE
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): LM239A-EP


同様の部品番号 - LM239A-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP Datasheet
565Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI1-LM239A-EP Datasheet
604Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI-LM239A-EP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM239A-EP TI-LM239A-EP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM239A-EP TI1-LM239A-EP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results

同様の説明 - LM239A-EP

メーカー部品番号データシート部品情報
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
   Quad Differential Comparator
logo
Texas Instruments
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com