データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4066BQDRQ1 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD4066BQDRQ1
部品情報  CMOS QUAD BILATERAL SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066BQDRQ1 データシート(HTML) 6 Page - Texas Instruments

Back Button CD4066BQDRQ1 Datasheet HTML 2Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 3Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 4Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 5Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 6Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 7Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 8Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 9Page - Texas Instruments CD4066BQDRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Vis − Input Signal Voltage − V
600
500
400
300
200
100
0
−4
−3
−2
−1
0
1
2
3
4
TYPICAL ON-STATE RESISTANCE
vs
INPUT SIGNAL VOLTAGE (ALL TYPES)
92CS-27326RI
TA = 125°C
+25 C
°
−55 C
°
Supply Voltage (VDD − VSS) = 5 V
TYPICAL ON-STATE RESISTANCE
vs
INPUT SIGNAL VOLTAGE (ALL TYPES)
300
250
200
150
100
50
0
−10
−7.5
−5
−2.5
0
2.5
5
7.5
10
Supply Voltage (VDD − VSS) = 10 V
TA = 125°C
Vis − Input Signal Voltage − V
+25 C
°
−55°C
92CS-27327RI
is − Input Signal Voltage − V
TYPICAL ON-STATE RESISTANCE
vs
INPUT SIGNAL VOLTAGE (ALL TYPES)
600
500
400
300
200
100
0
−10
−7.5
−5
−2.5
0
2.5
5
7.5
10
Supply Voltage (VDD − VSS) = 5 V
TA = 125°C
10 V
−15 V
92CS-27330RI
V
is − Input Signal Voltage − V
TYPICAL ON-STATE RESISTANCE
vs
INPUT SIGNAL VOLTAGE (ALL TYPES)
300
250
200
150
100
50
0
−10
−7.5
−5
−2.5
0
2.5
5
7.5
10
Supply Voltage (VDD − VSS) = 15 V
TA = 125°C
+25 C
°
−55°C
92CS-27329RI
V
CD4066B
1 of 4 Switches
Iis
Vis
Vos
92CS-30966
|Vis − Vos|
|Iis|
ron =
CD4066B-Q1
SCHS383
– APRIL 2011
www.ti.com
TYPICAL CHARACTERISTICS
Figure 2.
Figure 3.
Figure 4.
Figure 5.
Figure 6. Determination of ron as a Test Condition for Control-Input High-Voltage (VIHC) Specification
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :CD4066B-Q1


同様の部品番号 - CD4066BQDRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4066BQDRQ1 TI1-CD4066BQDRQ1 Datasheet
285Kb / 15P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

同様の説明 - CD4066BQDRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com