データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4066BF3A データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD4066BF3A
部品情報  CMOS QUAD BILATERAL SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066BF3A データシート(HTML) 7 Page - Texas Instruments

Back Button CD4066BF3A Datasheet HTML 3Page - Texas Instruments CD4066BF3A Datasheet HTML 4Page - Texas Instruments CD4066BF3A Datasheet HTML 5Page - Texas Instruments CD4066BF3A Datasheet HTML 6Page - Texas Instruments CD4066BF3A Datasheet HTML 7Page - Texas Instruments CD4066BF3A Datasheet HTML 8Page - Texas Instruments CD4066BF3A Datasheet HTML 9Page - Texas Instruments CD4066BF3A Datasheet HTML 10Page - Texas Instruments CD4066BF3A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CD4066B
CMOS QUAD BILATERAL SWITCH
SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
CD4066B
1 of 4 Switches
Iis
Vis
Vos
92CS-30966
|Vis − Vos|
|Iis|
ron =
Figure 6. Determination of ron as a Test Condition for Control-Input High-Voltage (VIHC) Specification
X-Y
Plotter
1-k
Range
TG
On
Keithley
160 Digital
Multimeter
H. P.
Moseley
7030A
X
VSS
VDD
10 k
92CS-22716
Y
Figure 7. Channel On-State Resistance Measurement Circuit
Figure 8
TYPICAL ON CHARACTERISTICS
FOR 1 OF 4 CHANNELS
3
2
1
0
−1
−2
−3
−3
−2
−1
0
1
2
3
4
VI − Input Voltage − V
92CS-30919
VDD
VC = VDD
Vis
Vos
RL
VSS
All unused terminals are
connected to VSS
CD4066B
1 of 4
Switches
Figure 9
10
102
103
10
101
102
103
104
f − Switching Frequency − kHz
POWER DISSIPATION PER PACKAGE
vs
SWITCHING FREQUENCY
TA = 25°C
6
4
2
6
4
2
6
4
2
6
4
2
24
6
24
6
92C-30920
5 V
10 V
VSS
VDD
5
6
13
12
7
CD4066B
14
Supply Voltage
(VDD) = 15 V


同様の部品番号 - CD4066BF3A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4066BF3A TI-CD4066BF3A Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BF3A TI-CD4066BF3A Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BF3A TI-CD4066BF3A Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BF3A TI1-CD4066BF3A Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BF3A TI1-CD4066BF3A Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
More results

同様の説明 - CD4066BF3A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com