データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD7N10LTF データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FQD7N10LTF
部品情報  N-Channel QFET MOSFET 100 V, 5.8 A, 350 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7N10LTF データシート(HTML) 4 Page - Fairchild Semiconductor

  FQD7N10LTF Datasheet HTML 1Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 2Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 3Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 4Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 5Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 6Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 7Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2000 Fairchild Semiconductor Corporation
FQD7N10L Rev. C1
www.fairchildsemi.com
4
 !   
t
1 , Rectangular P uls e D uration [sec]
Figure 11. Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
1
-
10
0
10
1
10
-1
10
0
N o te s :
/W M a x .
1 . Z
θ JC(t ) = 5 . 0 ℃
2 . D u ty F a c to r , D = t
1 /t 2
3 . T
JM - T C = P DM * Z
θ JC(t )
s ingle p uls e
D= 0 .5
0.02
0.2
0.05
0.1
0.01
25
50
75
100
125
150
0
1
2
3
4
5
6
T
C, Case Temperature [℃]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100 s
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 5 V
2. I
D = 2.9 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 μ A
T
J, Junction Temperature [
oC]
V
DS, Drain-Source Voltage [V]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
t1
PDM
t2


同様の部品番号 - FQD7N10LTF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
logo
Guangdong Youtai Semico...
FQD7N10LTM UMW-FQD7N10LTM Datasheet
1Mb / 6P
   100V N-Channel MOSFET
More results

同様の説明 - FQD7N10LTF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
FQD20N06LTF FAIRCHILD-FQD20N06LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 60 V, 17.2 A, 42 m
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
FQU13N06TU FAIRCHILD-FQU13N06TU Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FDC8602 FAIRCHILD-FDC8602 Datasheet
257Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
logo
ON Semiconductor
NVD5C464N ONSEMI-NVD5C464N Datasheet
232Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 5.8 m, 59 A
May, 2021-Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com