データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS-580649-18 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 LS-580649-18
部品情報  GT Connectors - accessories
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LS-580649-18 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  LS-580649-18 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS-580649-18 Datasheet HTML 2Page - List of Unclassifed Manufacturers LS-580649-18 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS-580649-18 Datasheet HTML 4Page - List of Unclassifed Manufacturers LS-580649-18 Datasheet HTML 5Page - List of Unclassifed Manufacturers LS-580649-18 Datasheet HTML 6Page - List of Unclassifed Manufacturers LS-580649-18 Datasheet HTML 7Page - List of Unclassifed Manufacturers LS-580649-18 Datasheet HTML 8Page - List of Unclassifed Manufacturers LS-580649-18 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
83
GT Connectors – accessories
MS3420 bushing
All dimensions for reference only.
Inches
Part
Number
Used with
Cable Clamp
ABCD
MS3420-3
M85049/41-3A
.130
.210
.379
2.875
MS3420-4
M85049/41-4A
.220
.302
.505
2.750
MS3420-6
M85049/41-6A
.312
.427
.619
2.625
MS3420-8
M85049/41-8A
.437
.552
.744
2.500
MS3420-10
M85049/41-10A
.562
.615
.889
2.375
MS3420-12
M85049/41-12A
.625
.740
1.084
2.250
MS3420-16
M85049/41-16A
.750
.927
1.314
2.125
MS3420-20
M85049/41-20A
.937
1.240
1.598
2.000
MS3420-24
M85049/41-24A
1.250
1.365
1.847
1.875
MS3420-28
M85049/41-28A
1.375
1.614
2.085
1.750
Millimeters
Part
Number
Used with
Cable Clamp
ABCD
MS3420-3
M85049/41-3A
3.30
5.3
9.60
73.0
MS3420-4
M85049/41-4A
5.58
7.7
12.80
69.8
MS3420-6
M85049/41-6A
7.92
10.8
15.70
66.8
MS3420-8
M85049/41-8A
11.09
14.0
18.90
63.5
MS3420-10
M85049/41-10A
14.27
15.6
22.58
60.3
MS3420-12
M85049/41-12A
15.87
18.8
27.50
57.1
MS3420-16
M85049/41-16A
19.05
23.5
33.40
53.9
MS3420-20
M85049/41-20A
23.79
31.5
40.60
50.8
MS3420-24
M85049/41-24A
31.75
34.7
46.90
47.6
MS3420-28
M85049/41-28A
34.92
41.0
52.90
44.4
Bushing of synthetic rubber to be used with cable clamps
for protection of the cable or wires
Can be telescoped for smaller cable diameters
A
C
D
1.6mm
.062 in.
B


同様の部品番号 - LS-580649-18

メーカー部品番号データシート部品情報
logo
Panasonic Battery Group
LS-500 PANASONICBATTERY-LS-500 Datasheet
177Kb / 1P
   Digital Laser Sensor
logo
PerkinElmer Optoelectro...
LS-5001 PERKINELMER-LS-5001 Datasheet
49Kb / 6P
   Thyratrons
LS-5002 PERKINELMER-LS-5002 Datasheet
49Kb / 6P
   Thyratrons
logo
Linear Integrated Syste...
LS-508A LINEAR-LS-508A Datasheet
209Kb / 2P
   Single 8-Channel CMOS Analog Multiplexer with active overvoltage protection
logo
PerkinElmer Optoelectro...
LS-5101 PERKINELMER-LS-5101 Datasheet
49Kb / 6P
   Thyratrons
More results

同様の説明 - LS-580649-18

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
PHOENIX CONTACT
2700197 PHOENIX-2700197 Datasheet
62Kb / 6P
   Router - FL MGUARD GT/GT
09/03/2014
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
660PS097 GLENAIR-660PS097 Datasheet
470Kb / 3P
   Connectors and Accessories
logo
Hirose Electric
TM-4-DC1 HIROSE-TM-4-DC1 Datasheet
43Kb / 1P
   MODULAR CONNECTORS(ACCESSORIES)
logo
Carlo Gavazzi Holding A...
CONB53NF-APT2P CARLOGAVAZZI-CONB53NF-APT2P Datasheet
337Kb / 3P
   General Accessories Connectors
logo
Glenair, Inc.
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
   Connectors and Accessories
logo
List of Unclassifed Man...
IS-T-F ETC-IS-T-F Datasheet
309Kb / 1P
   THERMOCOUPLE CONNECTORS & ACCESSORIES
logo
PHOENIX CONTACT
2700198 PHOENIX-2700198 Datasheet
119Kb / 12P
   Router - FL MGUARD GT/GT VPN
09/12/2020
logo
Soberton Inc.
GT-0603A-2 SOBERTON-GT-0603A-2 Datasheet
298Kb / 5P
   GT MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com