データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N10226-5213PC データシート(PDF) 1 Page - 3M Electronics

部品番号 N10226-5213PC
部品情報  3M Mini D Ribbon (MDR) Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  3M [3M Electronics]
ホームページ  http://www.3m.com
Logo 3M - 3M Electronics

N10226-5213PC データシート(HTML) 1 Page - 3M Electronics

  N10226-5213PC Datasheet HTML 1Page - 3M Electronics N10226-5213PC Datasheet HTML 2Page - 3M Electronics N10226-5213PC Datasheet HTML 3Page - 3M Electronics N10226-5213PC Datasheet HTML 4Page - 3M Electronics N10226-5213PC Datasheet HTML 5Page - 3M Electronics N10226-5213PC Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MMini D Ribbon (MDR) Connectors
.050
″ Boardmount Thru-Hole Right Angle Receptacle-Shielded
102 Series
Physical
Electrical
Environmental
Insulation Material: Glass Reinforced Polyester (PCT)
Flammability: UL 94V-0
Color: Beige
Contact Material: Copper Alloy
Plating
Underplating: 80
μ″ [2.0 μm] Nickel
Wiping Area: 30
μ″ [0.76 μm] Min. Gold
Solder Tail Plating: Gold Flash over Nickel (RIA E1 & C1 apply)
Body
Material: Zinc Alloy
Plating: Nickel
Ground Lock Material: Copper Alloy
Plating: Tin in combination with gold flash plated tail
Shroud & Latch Hook
Material: Steel
Plating: Nickel
Marking:
3M Logo & Part Number
Current Rating:
1 A
Insulation Resistance: > 5
× 108Ω at 500 V
DC
Withstanding Voltage: 500 VRMS for 1 Minute
Temperature Rating:
-55
°C to +105°C
Process Rating:
260
°C (profile per J-STD-020C)
• Wiper-on-wiper contact for reliable repetitive
plugging
• Rugged die cast metal case construction
• SMT compatible PCT insulator material
• Screw or ground lock for reliable PCB retention
• Interface latch design for connection stability
• IEEE 1284C Interface as a 36 contact connector
• Contacts: 14, 20, 26, 36, 40, 50, 68, 80 and 100
• See Regulatory Information Appendix (RIA)
for chemical compliance information
TS-0531-B
Sheet 1 of 3
Date Modified: November 15, 2007
UL File No.: E68080


同様の部品番号 - N10226-5213PC

メーカー部品番号データシート部品情報
logo
3M Electronics
N10226-5212PC 3M-N10226-5212PC Datasheet
399Kb / 6P
   3M??Mini D Ribbon (MDR) Connectors .050??Boardmount Thru-Hole Right Angle Receptacle-Shielded
More results

同様の説明 - N10226-5213PC

メーカー部品番号データシート部品情報
logo
3M Electronics
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10214-55G3JL 3M-10214-55G3JL Datasheet
532Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
   3M Mini D Ribbon (MDR) Connectors
10120-5212VC 3M-10120-5212VC Datasheet
200Kb / 5P
   3M Mini D Ribbon (MDR) Connectors
10214-6202VC 3M-10214-6202VC Datasheet
395Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
   3M Mini D Ribbon (MDR) Connectors
1021455G3PL 3M-1021455G3PL Datasheet
508Kb / 6P
   3M Mini D Ribbon (MDR) Connectors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com