データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM1206UWC-IL データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SM1206UWC-IL
部品情報  SURFACE MOUNT WHITE, 1206 IL PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SM1206UWC-IL データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SM1206UWC-IL Datasheet HTML 1Page - List of Unclassifed Manufacturers SM1206UWC-IL Datasheet HTML 2Page - List of Unclassifed Manufacturers SM1206UWC-IL Datasheet HTML 3Page - List of Unclassifed Manufacturers SM1206UWC-IL Datasheet HTML 4Page - List of Unclassifed Manufacturers SM1206UWC-IL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 03/09
Page 3 of 5
Bivar reserves the right to make changes at any time without notice.
Typical Electrical / Optical Characteristics
TA = 25°C unless otherwise noted
SURFACE MOUNT LED
WHITE, 1206 IL PACKAGE


同様の部品番号 - SM1206UWC-IL

メーカー部品番号データシート部品情報
logo
Bivar, Inc.
SM1206UWC-IL BIVAR-SM1206UWC-IL Datasheet
1Mb / 5P
   SURFACE MOUNT LED WHITE, 1206 IL PACKAGE
Revision B 03/18
More results

同様の説明 - SM1206UWC-IL

メーカー部品番号データシート部品情報
logo
Bivar, Inc.
SM1206NUWC-IL BIVAR-SM1206NUWC-IL Datasheet
1Mb / 5P
   SURFACE MOUNT LED WHITE, 1206 IL PACKAGE
Revision D 03/18
SM1206UWC-IL BIVAR-SM1206UWC-IL Datasheet
1Mb / 5P
   SURFACE MOUNT LED WHITE, 1206 IL PACKAGE
Revision B 03/18
SM1206NBWC-IL BIVAR-SM1206NBWC-IL Datasheet
1Mb / 5P
   SURFACE MOUNT LED BLUE, 1206 IL PACKAGE
Revision B 06/15
SM1206URC-IL BIVAR-SM1206URC-IL Datasheet
646Kb / 5P
   SURFACE MOUNT LED RED, 1206 IL PACKAGE
Revision A 03/09
SM1206UYC-IL BIVAR-SM1206UYC-IL Datasheet
643Kb / 5P
   SURFACE MOUNT LED YELLOW, 1206 IL PACKAGE
Revision A 03/09
SM1206RC-IL BIVAR-SM1206RC-IL Datasheet
647Kb / 5P
   SURFACE MOUNT LED RED, 1206 IL PACKAGE
Revision A 03/09
SM1206NYC-IL BIVAR-SM1206NYC-IL Datasheet
599Kb / 5P
   SURFACE MOUNT LED YELLOW, 1206 IL PACKAGE
Revision A 06/14
SM1206BWC-IL BIVAR-SM1206BWC-IL Datasheet
645Kb / 5P
   SURFACE MOUNT LED BLUE, 1206 IL PACKAGE
Revision A 03/09
SM1206NAC-IL BIVAR-SM1206NAC-IL Datasheet
588Kb / 5P
   SURFACE MOUNT LED AMBER, 1206 IL PACKAGE
Revision A 06/14
SM1206AC-IL BIVAR-SM1206AC-IL Datasheet
1Mb / 5P
   SURFACE MOUNT LED AMBER, 1206 IL PACKAGE
Revision B 06/22
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com