データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD4N20TF データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQD4N20TF
部品情報  N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD4N20TF データシート(HTML) 2 Page - Fairchild Semiconductor

  FQD4N20TF Datasheet HTML 1Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 2Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 3Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 4Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 5Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 6Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 7Page - Fairchild Semiconductor FQD4N20TF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Package Marking and Ordering Information
©2009 Fairchild Semiconductor Corporation
FQD4N20 Rev. C1
www.fairchildsemi.com
2
Part Number
Top Mark
Package
Reel Size
Tape Width
Quantity
FQD4N20
FQD4N20TM
DPAK
330 mm
16 mm
2500 units
Packing Method
Tape and Reel
Electrical Characteristics T
C = 25°C unless otherwise noted.
(Note 4)
(Note 4)


 
.
.
Max.


C*
 C<* 
*,(*5,)2(µ%
)((


*
∆C*
$∆
C<* 
 
5,)2(µ%+ )26

( ).

*$6
5
D9* 
*,)((**,(*


-
µ%
*,-E(*,-)26


-(
µ%
5
9C0<
*,'(**,(*


-((
%
5
9C0<+!
*,'(**,(*


-((
%
 
*
9 * 
*,*5,)2(µ%
' (

2 (
*
+
  
+ 
*,-(*5,- 2%

- -)
- .

   
*,.(*5,- 2%

- A2


 

5  
*,)2**,(*
,- (F#


-B(
))(


  

'2
.2


+!  

2
B

   

 
*,-((*5,' E%
+,)2Ω

B
)2


+

2(
--(


 

B
)2


 

)2
E(

G
 9

2 (
E 2

G
9 

- .


G
9

) -


     
5
@ 


' (
%
5
@8  


-)
%
*
 * 
*,(*5,' (%


- 2
*

+!+ !
*,(*5,' E%
5$,-((%$µ

7(


G
+!+ !

( ).

µ
Notes:
1. Repetitive rating : pulse-width limited by maximum junction temperature.
2. L = 8.7 mH, IAS = 3.0 A, VDD = 50 V, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 3.6 A, di/dt ≤ 300 A/µs , VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially independent of operating temperature.
VDS = 160 V, ID = 3.6 A,
VGS = 10 V


同様の部品番号 - FQD4N20TF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD4N20 FAIRCHILD-FQD4N20 Datasheet
701Kb / 9P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD4N20 ISC-FQD4N20 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD4N20L FAIRCHILD-FQD4N20L Datasheet
519Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD4N20L FAIRCHILD-FQD4N20L Datasheet
526Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD4N20LTF FAIRCHILD-FQD4N20LTF Datasheet
526Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

同様の説明 - FQD4N20TF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
   N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
logo
ON Semiconductor
FQA9N90C-F109 ONSEMI-FQA9N90C-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
December-2017, Rev 3
logo
Fairchild Semiconductor
FQD10N20CTM FAIRCHILD-FQD10N20CTM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 200 V, 7.8 A, 360 mOhm
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
FQD18N20V2TM FAIRCHILD-FQD18N20V2TM Datasheet
737Kb / 9P
   N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
   P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
logo
ON Semiconductor
NVMJS1D5N04CL ONSEMI-NVMJS1D5N04CL Datasheet
364Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 1.4 m, 200 A
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
   N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com