データシートサーチシステム |
|
SMBG110 データシート(PDF) 3 Page - General Semiconductor |
|
SMBG110 データシート(HTML) 3 Page - General Semiconductor |
3 / 4 page ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) TABLE 1 (Cont’d) Breakdown Maximum Maximum Device Voltage Reverse Peak Pulse Maximum Device Type Device Type Marking V(BR) (Volts) Test Stand-off Leakage ID Surge Clamping Gull Wing Modified Code (NOTE 1) Current Voltage at VWM Current IPPM Voltage at IPPM Lead “J” Bend Lead UNI BI (Min /Max) at IT (mA) VWM (Volts) ( µA)(NOTE 3) (NOTE 2) (Amps) VC (Volts) SMBG54 SMBJ54 ND 60.0 / 73.3 1.0 54 5.0 6.2 96.3 SMBG54A SMBJ54A NE 60.0 / 66.3 1.0 54 5.0 6.9 87.1 SMBG58 SMBJ58 NF 64.4 / 78.7 1.0 58 5.0 5.8 103 SMBG58A SMBJ58A NG 64.4 / 71.2 1.0 58 5.0 6.4 93.6 SMBG60 SMBJ60 NH 66.7 / 81.5 1.0 60 5.0 5.6 107 SMBG60A SMBJ60A NK 66.7 / 73.7 1.0 60 5.0 6.2 96.8 SMBG64 SMBJ64 NL 71.1 / 86.9 1.0 64 5.0 5.3 114 SMBG64A SMBJ64A NM 71.1 / 78.6 1.0 64 5.0 5.8 103 SMBG70 SMBJ70 NN 77.8 / 95.1 1.0 70 5.0 4.8 125 SMBG70A SMBJ70A NP 77.8 / 86.0 1.0 70 5.0 5.3 113 SMBG75 SMBJ75 NQ 83.3 / 102 1.0 75 5.0 4.5 134 SMBG75A SMBJ75A NR 83.3 / 92.1 1.0 75 5.0 5.0 121 SMBG78 SMBJ78 NS 86.7 / 106 1.0 78 5.0 4.3 139 SMBG78A SMBJ78A NT 86.7 / 95.8 1.0 78 5.0 4.8 126 SMBG85 SMBJ85 NU 94.4 / 115 1.0 85 5.0 4.0 151 SMBG85A SMBJ85A NV 94.4 / 104 1.0 85 5.0 4.4 137 SMBG90 SMBJ90 NW 100 / 122 1.0 90 5.0 3.8 160 SMBG90A SMBJ90A NX 100 / 111 1.0 90 6.0 4.1 146 SMBG100 SMBJ100 NY 111 / 136 1.0 100 5.0 3.4 179 SMBG100A SMBJ100A NZ 111 / 123 1.0 100 5.0 3.7 162 SMBG110 SMBJ110 PD 122 / 149 1.0 110 5.0 3.1 196 SMBG110A SMBJ110A PE 122 / 135 1.0 110 5.0 3.4 177 SMBG120 SMBJ120 PF 133 / 163 1.0 120 5.0 2.8 214 SMBG120A SMBJ120A PG 133 / 147 1.0 120 5.0 3.1 193 SMBG130 SMBJ130 PH 144 / 176 1.0 130 5.0 2.6 231 SMBG130A SMBJ130A PK 144 / 159 1.0 130 5.0 2.9 209 SMBG150 SMBJ150 PL 167 / 204 1.0 150 5.0 2.2 268 SMBG150A SMBJ150A PM 167 / 185 1.0 150 5.0 2.5 243 SMBG160 SMBJ160 PN 178 / 218 1.0 160 5.0 2.1 287 SMBG160A SMBJ160A PP 178 / 197 1.0 160 5.0 2.3 259 SMBG170 SMBJ170 PQ 189 / 231 1.0 170 5.0 2.0 304 SMBG170A SMBJ170A PR 189 / 209 1.0 170 5.0 2.2 275 NOTES: (1) V(BR) measured after IT applied for 300 µs square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) For bi-directional types having VWM of 10 Volts and less, the ID limit is doubled (4) For the bi-directional SMBG/SMBJ5.0CA, the maximum V(BR) is 7.25 Volts (5) All terms and symbols are consistent with ANSI/IEEE C62.35 APPLICATION N0TES These surface mountable packages are designed specifically for transient voltage suppression. The wide leads assure a large sur- face contact for good heat dissipation, and a low resistance path for surge current flow to ground. These high speed transient voltage suppressors can be used to effectively protect sensitive components such as integrated circuits and MOS devices. A 600W (SMB) device is normally selected when the threat of transients is from lightening-induced transients conducted via external leads or 1/0 lines. It is also used to protect against switching transients induced by large coils or industrial motors. System impedance at component level in a system is usually high enough to limit the current to within the peak pulse current (IPP) rating of this series. RECOMMENDED PAD SIZES The pad dimensions should be 0.010” (0.25mm) longer than the contact size, in the lead axis. This allows a solder fillet to form, see Fig. below. Contact factory for soldering methods. 0.165" (4.19) 0.085" (2.16) 0.050" (1.27) 0.090" (2.28) 0.085" (2.16) 0.070" (1.78) GULL- WING MODIFIED J-BEND ND NE NF NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG PH PK PL PM PN PP PQ PR |
同様の部品番号 - SMBG110 |
|
同様の説明 - SMBG110 |