データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS04A12T3V3 データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 GS04A12T3V3
部品情報  MAX Guard??ESD Suppressor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

GS04A12T3V3 データシート(HTML) 6 Page - List of Unclassifed Manufacturers

  GS04A12T3V3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS04A12T3V3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MAX Guard
 ESD Suppressor
(Low Capacitance Series)
Document No
TGS-XX0S001C
Issued date
2013/8/30
Page
6/8
TA-I TECHNOLOGY CO., LTD
10. Label
11. Recommended land patterns
Unit: mm
Land Pattern
Type
Size
Dimension
a
b
c
GS
04 ( 0402 )
0.5~0.6
1.4~1.6
0.4~0.6
GS
06 ( 0603 )
0.7~0.9
2.0~2.2
0.8~1.0
Suppressor Element
V2
QTY: 10000 PCS
T61840001
0618
0603
GS06A24T3V3
LOT NO :
Date Code
Operating Voltage
24V
Type


同様の部品番号 - GS04A12T3V3

メーカー部品番号データシート部品情報
logo
ITT Industries
GS04MABE ITT-GS04MABE Datasheet
230Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
C&K Components
GS04MABE CK-COMPONENTS-GS04MABE Datasheet
223Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
ITT Industries
GS04MCBE ITT-GS04MCBE Datasheet
230Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
C&K Components
GS04MCBE CK-COMPONENTS-GS04MCBE Datasheet
223Kb / 2P
   Sealed Ultraminiature Slide Switches
logo
ITT Industries
GS04MSABE ITT-GS04MSABE Datasheet
230Kb / 2P
   Sealed Ultraminiature Slide Switches
More results

同様の説明 - GS04A12T3V3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
UGS04A03T3V3 ETC-UGS04A03T3V3 Datasheet
638Kb / 8P
   MAX Guard ESD Suppressor
TGS06A12T30 ETC-TGS06A12T30 Datasheet
614Kb / 8P
   MAX Guard Transient Voltage Suppressor
logo
American Accurate Compo...
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
MS04A03T1V1 AAC-MS04A03T1V1 Datasheet
59Kb / 1P
   MS Low Capacitance MAX Guard짰 ESD Suppressor
MSA24A03T1V1 AAC-MSA24A03T1V1 Datasheet
66Kb / 1P
   MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA-TR1 EATON-0603ESDA-TR1 Datasheet
783Kb / 3P
   ESD suppressor
logo
Panasonic Semiconductor
EZA-EG2A50AX PANASONIC-EZA-EG2A50AX Datasheet
94Kb / 2P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA2-TR2 EATON-0603ESDA2-TR2 Datasheet
494Kb / 3P
   ESD suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE1005A015FR ICT-ULCE1005A015FR Datasheet
90Kb / 5P
   ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com