データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV06L14T-240 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 MV06L14T-240
部品情報  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MV06L14T-240 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  MV06L14T-240 Datasheet HTML 1Page - List of Unclassifed Manufacturers MV06L14T-240 Datasheet HTML 2Page - List of Unclassifed Manufacturers MV06L14T-240 Datasheet HTML 3Page - List of Unclassifed Manufacturers MV06L14T-240 Datasheet HTML 4Page - List of Unclassifed Manufacturers MV06L14T-240 Datasheet HTML 5Page - List of Unclassifed Manufacturers MV06L14T-240 Datasheet HTML 6Page - List of Unclassifed Manufacturers MV06L14T-240 Datasheet HTML 7Page - List of Unclassifed Manufacturers MV06L14T-240 Datasheet HTML 8Page - List of Unclassifed Manufacturers MV06L14T-240 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection – L Type Series
Document No
TMVL-XXOS001D
Issued date
2014/04/18
Page
2/9
TA-I TECHNOLOGY CO., LTD
3. Type Designation
4. Dimension
Type
L
W
D
E
mm
mm
mm
mm
0402
1.00 ± 0.10
0.50 ± 0.10
0.6 max
0.25 ± 0.10
0603
1.60 ± 0.15
0.80 ± 0.15
0.9 max
0.30 ± 0.10
0805
2.00 ± 0.20
1.25 ± 0.20
1.0 max
0.40 ± 0.20
1206
3.20 ± 0.20
1.60 ± 0.15
1.2 max
0.50 ± 0.20
1812
4.50 ± 0.20
3.20 ± 0.20
2.0 max
0.50 ± 0.30
MV
06
L
04
T
-
080
Multilayer
Varistor
Size
Type Series
Max. Working
Voltage
Packaging
Varistor
Voltage
Internal Code
04:0402
06:0603
08:0805
12:1206
18:1812
T:Paper tape
0402:10K
0603:4K
0805:3K
1206 : 3K
1812:1K
04:4V
11:11V
25:25V
080:8V
120:12V
330:33V


同様の部品番号 - MV06L14T-240

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV06E050T050- ETC-MV06E050T050- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV06E050T100- ETC-MV06E050T100- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV06E050T101- ETC-MV06E050T101- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV06E050T220- ETC-MV06E050T220- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV06E050T330- ETC-MV06E050T330- Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
More results

同様の説明 - MV06L14T-240

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com