データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV12L30T-470 データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 MV12L30T-470
部品情報  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MV12L30T-470 データシート(HTML) 7 Page - List of Unclassifed Manufacturers

  MV12L30T-470 Datasheet HTML 1Page - List of Unclassifed Manufacturers MV12L30T-470 Datasheet HTML 2Page - List of Unclassifed Manufacturers MV12L30T-470 Datasheet HTML 3Page - List of Unclassifed Manufacturers MV12L30T-470 Datasheet HTML 4Page - List of Unclassifed Manufacturers MV12L30T-470 Datasheet HTML 5Page - List of Unclassifed Manufacturers MV12L30T-470 Datasheet HTML 6Page - List of Unclassifed Manufacturers MV12L30T-470 Datasheet HTML 7Page - List of Unclassifed Manufacturers MV12L30T-470 Datasheet HTML 8Page - List of Unclassifed Manufacturers MV12L30T-470 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection – L Type Series
Document No
TMVL-XXOS001D
Issued date
2014/04/18
Page
7/9
TA-I TECHNOLOGY CO., LTD
8.4 Reflow and temperature
8.5 IR reflow Pb Free Process suggestion profile
(1) The solder recommend is Sn96.5/Ag 3.5 of 120 to 150µm
(2) Ramp-up rate (217℃ to Peak) + 3℃/second max
(3) Temp. maintain at 175 +/-25℃ 180 seconds max
(4) Temp. maintain above 217℃ 60-150 seconds
(5) Peak temperature range 245℃+20℃/-10℃ time within 5℃ of actually peak
temperature (tp) 10~20 seconds
(6) Ramp down rate +6 ℃/second max.
Perform adequate test in advance, as the reflow temperature profile will vary according to the conditions of the
manufacturing process, and the specification of the reflow furnace.
8.6 Resistance to soldering heat-High Temperature Resistance:260
,10sec-3times.
8.7 Hand Soldering
In hand soldering of the Varistors. Large temperature gradient between preheated the Varistors
and the tip of soldering iron may cause electrical failures and mechanical damages such as cracking
or breakings of the devices. The soldering shall be carefully controlled and carried out so that the
temperature gradient is kept minimum with following recommended conditions for hand soldering.


同様の部品番号 - MV12L30T-470

メーカー部品番号データシート部品情報
logo
Extech Instruments Corp...
MV120 EXTECH-MV120 Datasheet
240Kb / 13P
   Digital MultiMeters
logo
MTRONPTI
MV12T1AD MTRONPTI-MV12T1AD Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV12T1AD MTRONPTI-MV12T1AD Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV12T1AD-R MTRONPTI-MV12T1AD-R Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV12T1AD-R MTRONPTI-MV12T1AD-R Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
More results

同様の説明 - MV12L30T-470

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com