データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E0512XT データシート(PDF) 2 Page - Microdc power Technology Co., Ltd

部品番号 E0512XT
部品情報  1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRODC [Microdc power Technology Co., Ltd]
ホームページ  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

E0512XT データシート(HTML) 2 Page - Microdc power Technology Co., Ltd

  E0512XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd E0512XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd E0512XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
F-XT
F-XT
E-XT
E-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
Output
Output Specifications
Specifications
Parameter
Conditions
Voltage set accuracy
see graphs below
Regulation
– Input variation
1.2 % / 1 % change Vin
– Load variation
see graphs below
Voltage balance (dual output
models, balanced load)
± 1.0% max.
Temperature coefficient
0.1 %/K
Ripple and noise (20 MHz Bandwidth)
100 mVp-p max.
Temperature coefficient
± 0.02%/K max.
Short circuit protection
limited 0.5 sec. max.
Capacitive load
3.3 VDC output models: 33µF max.
5 VDC output models:
33µF max.
12 VDC output models:
4.7µF max.
15 VDC output models:
2.2µF max.
±
5 VDC output models:
10µF max.
±
12 VDC output models: 2.2µF max.
±
15 VDC output models: 2.2µF max.
General
General Specifications
Specifications
Parameter
Conditions
Temperature ranges
Operating
– 40 °C~+ 85 °C (no derating)
Case temperature
+95°C max.
Storage
– 55 °C~+ 125 °C
Load derating
(convection cooling)
4%/K above +75°C
Humidity (non condensing)
95 % rel. H max.
Reliability, calculated MTBF
(MIL-HDBK-217F ground benign)
>2Mio h
Isolation voltage (60 sec)
Input/Output
3000 VDC
Isolation capacity
Input/Output(100kHz, 1V)
60 pF typ.
Isolation resistance
Input/Output (500 VDC)
>1 GOhm
Switching frequency
50 to 150 kHz (depending on load)
Output
Output voltage
voltage variation
variation dependent
dependent on
on load
load (at
(at nominal
nominal input
input voltage)
voltage)
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.


同様の部品番号 - E0512XT

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
E0512XT-1WAR2 MORNSUN-E0512XT-1WAR2 Datasheet
314Kb / 4P
   DC/DC Converter
E0512XT-1WAR2 MORNSUN-E0512XT-1WAR2 Datasheet
223Kb / 5P
   DC/DC Converter
E0512XT-1WR3 MORNSUN-E0512XT-1WR3 Datasheet
664Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
More results

同様の説明 - E0512XT

メーカー部品番号データシート部品情報
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7A GAPTEC-1S7A Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6U GAPTEC-1S7B-6U Datasheet
650Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T12A GAPTEC-1T12A Datasheet
746Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1D14C GAPTEC-1D14C Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7AE-1U GAPTEC-1S7AE-1U Datasheet
852Kb / 6P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com