データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R821 データシート(PDF) 1 Page - Hamamatsu Corporation

部品番号 R821
部品情報  PHOTOMULTIPLIER TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R821 データシート(HTML) 1 Page - Hamamatsu Corporation

  R821 Datasheet HTML 1Page - Hamamatsu Corporation R821 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Base
Suitable Socket
nm
nm
mm dia.
160 to 320
240
Cs-Te
15
Fused silica
Linear focused
10
12-pin glass base
E678-12L (supplied)
Material
Minimum Effective Area
Structure
Number of Stages
PHOTOMULTIPLIER TUBE
R821
MAXIMUM RATINGS (Absolute Maximum Values)
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1998 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
Supply Voltage: 1000Vdc, K: Cathode, Dy: Dynode, P: Anode
For Astro-physics and Other Ultraviolet Radiation Detection
Solar Blind Response (160nm to 320nm), Cs-Te Photocathode
19mm (3/4 Inch) Diameter, 10-stage, Head-On
CHARACTERISTICS (at 25
°C)
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Parameter
Min.
Unit
Parameter
Value
Unit
Supply Voltage
Average Anode Current
Ambient Temperature
1250
250
0.01
-80 to +50
Vdc
Vdc
mA
°C
Between Anode and Cathode
Between Anode and Last Dynode
Cathode Sensitivity
Anode Sensitivity
Gain
Anode Dark Current (after 30min. storage in darkness)
Time Response
Electrodes
Ratio
K
Dy1
1.5
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
11
1
Dy10
P
Radiant at 254nm
Radiant at 254nm
Anode Pulse Rise Time
Electron Transit Time
4
× 103
28
1.0
× 104
3.6
× 105
0.3
2.5
27
mA/W
A/W
nA
ns
ns
0.5
Typ.
Max.
NOTE: Anode characteristics are measured with the voltage distribution ratio shown below.


同様の部品番号 - R821

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
R821 HAMAMATSU-R821_15 Datasheet
26Kb / 2P
   For Astro-physics and Other Ultraviolet Radiation Detection Solar Blind Response (160nm to 320nm), Cs-Te Photocathode Solar Blind Response (160nm to 320nm), Cs-Te Photocathode
More results

同様の説明 - R821

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com