データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R8486 データシート(PDF) 3 Page - Hamamatsu Corporation

部品番号 R8486
部品情報  PHOTOMULTIPLIER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R8486 データシート(HTML) 3 Page - Hamamatsu Corporation

  R8486 Datasheet HTML 1Page - Hamamatsu Corporation R8486 Datasheet HTML 2Page - Hamamatsu Corporation R8486 Datasheet HTML 3Page - Hamamatsu Corporation R8486 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 2: Typical Gain and Anode Radiant Sensitivity
TPMSB0200EA
Figure 3: Typical Time Response
TPMSB0004EB
Figure 4: Dimensional Outline and Basing Diagram (Unit: mm)
TPMSA0042EA
Figure 5: Socket E678-11A (Option) (Unit: mm)
TACCA0064EA
300
500
700
1000
1500
SUPPLY VOLTAGE (V)
1
2
4
6
8
10
20
40
60
80
100
RISE
TIME
TRANSIT
TIME
5
49
38
29
NOTE: There is a 2 mm diameter hole to exhaust inner air on the plastic base.
1
2
4
3
5
7
6
8
9
10
K
DY1
DY2
DY3
DY4
DY5
DY6
DY7
DY8
DY9
P
DIRECTION OF LIGHT
11
28.5 ± 1.5
8 MIN.
32.2 ± 0.5
11 PIN BASE
JEDEC No. B11-88
FACE PLATE
20 MAX.
MgF2 WINDOW
PHOTO-
CATHODE
SUPPLY VOLTAGE (V)
102
106
105
104
103
102
103
104
105
106
107
108
107
108
500
700
1000
1500
R8487 TYPICAL GAIN
R8486 TYPICAL GAIN
R8487 TYPICAL
ANODE SENSITIVITY
(at 121.6 nm)
R8486 TYPICAL
ANODE SENSITIVITY
(at 254 nm)


同様の部品番号 - R8486

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
More results

同様の説明 - R8486

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com