データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

90-165 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 90-165
部品情報  Any position mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

90-165 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  90-165 Datasheet HTML 1Page - List of Unclassifed Manufacturers 90-165 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.white-rodgers.com
0
3 POLE DEFINITE PURPOSE
CONTACTORS (25A THRU 40A)
90-160 THRU 90-172 WR/RBM TYPE 154
Designed for Central Air Conditioning and Heating Equipment
SPECIFICATIONS
Insulating Material . . . . . . . . . . . . . . . . . . Contact block and carrier are high quality
electrical-grade thermosetting resin
Temperature Range . . . . . . . . . . . . . . . . . –40°F to 50°F
Mechanical Life. . . . . . . . . . . . . . . . . . . . . Conforms to UL and ARI specifications
Electrical Life . . . . . . . . . . . . . . . . . . . . . . Conforms to UL and ARI specifications
Weight (approximate) . . . . . . . . . . . . . . . . 6 oz.
Agency . . . . . . . . . . . . . . . . . . . . . . . . . . . U.L. file number E75492
C.S.A. file number LR49598
Coils Frequency . . . . . . . . . . . . . . . . . . . . 50/60 Hz
Coil Insulation. . . . . . . . . . . . . . . . . . . . . . Class B (30°C)
24 through 208/240 Volts AC
Termination. . . . . . . . . . . . . . . . . . . . . . . . Pressure connector and Double /4” Q.C.
Operate. . . . . . . . . . . . . . . . . . . . . . . . . . . 85% of nominal coil voltage;
0% maximum safe operate
Duty Cycle . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Model Number
Coil Voltage AC
Res DC
Current
Nominal
Max. Inrush
25 Amp
30 Amp
40 Amp
(60 Hz)
OHMS
MA
VA
VA
90-160
90-163
90-170
24
7.2
87
4.5
52
90-161
90-164
90-171
20
80
37
4.5
52
90-162
90-165
90-172
208/240
720
9
4.5
52
Approximate Overall Dimensions
33/4” x 23/8” x 3”
COIL DATA
– 25, 30 and 40 Amp, 600 Volt Three Pole Normally Open (3 P.N.O.)
Type
Voltage
277 VAC
480 VAC
600 VAC
90-60
Full Load
25 A.
25 A.
25 A.
thru
Lock Rotor
50 A.
25 A.
00 A.
90-62
Resistive
40 A.
40 A.
40 A.
90-63
Full Load
30 A.
30 A.
30 A.
thru
Lock Rotor
80 A.
50 A.
20 A.
90-65
Resistive
50 A.
50 A.
50 A.
CONTACT RATINGS
– 25 and 30 Amp, 600 Volt Three Pole Normally Open (3 P.N.O.)
FEATURES
• Any position mounting.
• Interchangeable mounting plate.
• Low wattage coil.
• Double break contacts ensure positive make and break.
40 Amp with Cover
Pressure Connectors line and load sides for #4
thru #4 wire. /4” Double Quick Connect auxiliary
and coil terminals.
Type
Voltage
277 VAC
480 VAC
600 VAC
Full Load
40 A.
40 A.
40 A.
90-70 thru 90-72
Lock Rotor
240 A.
200 A.
60 A.
Resistive
50 A.
50 A.
50 A.
CONTACT RATINGS
– 40 Amp, 600 Volt Three Pole Normally Open (3 P.N.O.)
2.983
3.390
3.250
3.750
.203
.250
2.000
3.125
.203
2.414
90-160 thru 90-172


同様の部品番号 - 90-165

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
90-16 COILCRAFT-90-16 Datasheet
111Kb / 2P
   Axial Lead Chokes
More results

同様の説明 - 90-165

メーカー部品番号データシート部品情報
logo
First Components Intern...
KBPC1500 FCI-KBPC1500 Datasheet
337Kb / 4P
   15Amps Single Phase Silicon Bridge Mounting Position: Any
KBPC4000 FCI-KBPC4000 Datasheet
316Kb / 3P
   40 Amps Plastic case Silicon Bridge Rectifiers Mounting Position: Any
logo
Micro Commercial Compon...
W005M MCC-W005M_11 Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
Virginia Panel Corporat...
310113517 VPC-310113517 Datasheet
58Kb / 1P
   i1 Rcvr Mounting Panel 2U, 8 Position
logo
Schneider Electric
9001KS43K10 SCHNEIDER-9001KS43K10 Datasheet
116Kb / 2P
   30mm Push Button, Type K, keyed selector switch, 3 position, C cam, key withdrawal in any position
Jan 4, 2022
logo
Aries Electronics, Inc.
655000 ARIES-655000 Datasheet
746Kb / 1P
   Designed to allow user to cut 32-position adapter down to any size desired
logo
Silicon Laboratories
SI5347 SILABS-SI5347 Datasheet
2Mb / 59P
   DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
logo
Skyworks Solutions Inc.
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
ZF Friedrichshafen AG
MP1013 ZFSWITCHES-MP1013 Datasheet
250Kb / 2P
   Hall-effect position sensor with convenient snap-fit mounting
logo
Silicon Laboratories
SI5347 SILABS-SI5347_16 Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com