データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

90-380 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 90-380
部品情報  HEAVY-DUTY ENCLOSED FAN RELAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

90-380 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  90-380 Datasheet HTML 1Page - List of Unclassifed Manufacturers 90-380 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.white-rodgers.com
5
1
3
5
6
2
4
1.500
MAX.
1.265
MAX.
1.265
.500
1.842
2.156
2.670
.150 DIA.
HEAVY-DUTY
ENCLOSED FAN RELAYS
90-360 THRU 90-486 WR/RBM TYPE 184
Heavy-Duty General Purpose Relay Operates in Any Position
SPECIFICATIONS
Temperature Range . . . . . . . . . . . . . . . . –40°F to 50°F
Mechanical Life (no load) . . . . . . . . . . . . ,000,000 operations, 20 operations/min.
Electrical Life (rated load). . . . . . . . . . . . 00,000 operations, 6 operations/min.
Load test making inrush rating (0.4 to
0.5 P.F.); breaking 00% continuous rating
(0.65 to 0.8 P.F.)
Weight (approximate) . . . . . . . . . . . . . . . 2.3 oz.
Agency . . . . . . . . . . . . . . . . . . . . . . . . . . U.L. file number E12139 or E22381
C.S.A. file number LR13360
Coils, Frequency. . . . . . . . . . . . . . . . . . . 50/60 Hz
Coils, Insulation . . . . . . . . . . . . . . . . . . . Class B
Coils, Termination. . . . . . . . . . . . . . . . . . /4” Quick Connect
Coils, Operate. . . . . . . . . . . . . . . . . . . . . 85% of nominal coil voltage;
0% maximum safe operate
Coils, Duty Cycle . . . . . . . . . . . . . . . . . . Continuous
FEATURES
• Compact, totally enclosed design.
• For heating and cooling applications and general switching.
• Quiet, reliable and economical.
Coil Data
Model Number
Coil Voltage AC
Res DC
Nom. Current
Nominal
Inrush
SPNO
SPDT
SPNO/SPNC
(50/60 Hz)
OHMS
MA
VA Sealed
VA
90-360
90-370
90-380
24
77
25
3
4
90-362
90-372
90-382
20
2,000
25
3
4
90-364
90-374
90-384
240
6,050
2.5
3
4
90-466
90-476
90-486
277
0,300
0.8
3
4
SINGLE POLE NORMALLY OPEN, SINGLE POLE DOUBLE THROW (SPDT) ISOLATED CONTACTS (SPNO/SPNC)
Inductive
Resistive
2 Amps. Continuous
60 Amps. Inrush
8 Amps.
@ 125 VAC
Continuous
8 Amps. Continuous
@ 277 VAC
48 Amps. Inrush
@ 250 VAC
CONTACT RATING
SPNO
SPDT
WIRING DIAGRAMS
SPNO/SPNC
Totally Enclosed Relay
Operates in Any Position
Isolated Coil and Mounting Bracket


同様の部品番号 - 90-380

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
90-38 COILCRAFT-90-38 Datasheet
111Kb / 2P
   Axial Lead Chokes
More results

同様の説明 - 90-380

メーカー部品番号データシート部品情報
logo
Song Chuan Precision Co...
832 SONGCHUAN-832 Datasheet
158Kb / 3P
   Heavy duty 30A general purpose Power Relays.
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
   HEAVY DUTY RELAY
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
   Heavy Duty Clip
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
   Heavy Duty Meter
logo
OEN India Limited
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
   HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
   Heavy Duty Flashlight
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
   SUPER HEAVY DUTY
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com