データシートサーチシステム |
|
Q2006DH3 データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
Q2006DH3 データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 10 page Alternistor Triacs Data Sheets http://www.littelfuse.com E4 - 4 ©2004 Littelfuse, Inc. +1 972-580-7777 Thyristor Product Catalog See “General Notes” and “Electrical Specification Notes” on page E4 - 5. Test Conditions di/dt — Maximum rate-of-change of on-state current dv/dt — Critical rate-of-rise of off-state voltage at rated VDRM gate open dv/dt(c) — Critical rate-of-rise of commutation voltage at rated VDRM and IT(RMS) commutating di/dt = 0.54 rated IT(RMS)/ms; gate unenergized I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms for fusing IDRM — Peak off-state current gate open; VDRM = maximum rated value IGT — DC gate trigger current in specific operating quadrants; VD = 12 V dc IGTM — Peak gate trigger current IH — Holding current (DC); gate open IT(RMS) — RMS on-state current conduction angle of 360° ITSM — Peak one-cycle surge PG(AV) — Average gate power dissipation PGM — Peak gate power dissipation; IGT ≤ IGTM tgt — Gate controlled turn-on time; IGT = 300 mA with 0.1 µs rise time VDRM — Repetitive peak blocking voltage VGT — DC gate trigger voltage; VD = 12 V dc VTM — Peak on-state voltage at maximum rated RMS current IT(RMS) Part Number VDRM IGT Isolated Non-isolated (4)(16) T0-220 TO-218 (16) TO-218X TO-220 TO-263 D2Pak (1) Volts (3) (7) (15) (17) mAmps QI QII QIII MAX See “Package Dimensions” section for variations. (11) MAX 16 A Q2016LH3 Q2016RH3 Q2016NH3 200 20 20 20 Q4016LH3 Q4016RH3 Q4016NH3 400 20 20 20 Q6016LH3 Q6016RH3 Q6016NH3 600 20 20 20 Q8016LH3 Q8016RH3 Q8016NH3 800 20 20 20 QK016LH3 QK016RH3 QK016NH3 1000 20 20 20 Q2016LH4 Q2016RH4 Q2016NH4 200 35 35 35 Q4016LH4 Q4016RH4 Q4016NH4 400 35 35 35 Q6016LH4 Q6016RH4 Q6016NH4 600 35 35 35 Q8016LH4 Q8016RH4 Q8016NH4 800 35 35 35 QK016LH4 QK016RH4 QK016NH4 1000 35 35 35 Q2016LH6 Q2016RH6 Q2016NH6 200 80 80 80 Q4016LH6 Q4016RH6 Q4016NH6 400 80 80 80 Q6016LH6 Q6016RH6 Q6016NH6 600 80 80 80 Q8016LH6 Q8016RH6 Q8016NH6 800 80 80 80 QK016LH6 QK016RH6 QK016NH6 1000 80 80 80 25 A Q2025L6 Q2025K6 Q2025J6 Q2025R6 Q2025NH6 200 80 80 80 Q4025L6 Q4025K6 Q4025J6 Q4025R6 Q4025NH6 400 80 80 80 Q6025L6 Q6025K6 Q6025J6 Q6025R6 Q6025NH6 600 80 80 80 Q8025L6 Q8025K6 Q8025J6 Q8025R6 Q8025NH6 800 80 80 80 QK025L6 QK025K6 QK025R6 QK025NH6 1000 80 80 80 30 A Q2030LH5 200 50 50 50 Q4030LH5 400 50 50 50 Q6030LH5 600 50 50 50 35 A Q2035RH5 Q2035NH5 200 50 50 50 Q4035RH5 Q4035NH5 400 50 50 50 Q6035RH5 Q6035NH5 600 50 50 50 40 A Q2040K7 Q2040J7 200 100 100 100 Q4040K7 Q4040J7 400 100 100 100 Q6040K7 Q6040J7 600 100 100 100 Q8040K7 Q8040J7 800 100 100 100 QK040K7 1000 100 100 100 MT1 MT2 G MT1 G MT2 MT1 G MT2 MT1 G MT2 MT2 MT2 MT2 MT1 G |
同様の部品番号 - Q2006DH3 |
|
同様の説明 - Q2006DH3 |