データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E-L6561D013TR データシート(PDF) 6 Page - STMicroelectronics

部品番号 E-L6561D013TR
部品情報  POWER FACTOR CORRECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6561D013TR データシート(HTML) 6 Page - STMicroelectronics

Back Button E-L6561D013TR Datasheet HTML 2Page - STMicroelectronics E-L6561D013TR Datasheet HTML 3Page - STMicroelectronics E-L6561D013TR Datasheet HTML 4Page - STMicroelectronics E-L6561D013TR Datasheet HTML 5Page - STMicroelectronics E-L6561D013TR Datasheet HTML 6Page - STMicroelectronics E-L6561D013TR Datasheet HTML 7Page - STMicroelectronics E-L6561D013TR Datasheet HTML 8Page - STMicroelectronics E-L6561D013TR Datasheet HTML 9Page - STMicroelectronics E-L6561D013TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
L6561
6/13
Figure 6. Typical Application Circuit (80W, 110VAC)
Figure 7. Typical Application Circuit (120W, 220VAC)
Figure 8. Typical Application Circuit (80W, Wide-range Mains)
8
3
BRIDGE
4 x 1N4007
R9 (*)
950K
C1
1
µF
250V
R10
10K
C2
22
µF
25V
FUSE 4A/250V
Vac
(85V to 135V)
R3 (*)
240K
D3 1N4150
D2
1N5248B
R2
100
10nF
C6
R1
T
5
6
L6561
7
21
C3 680nF
R5
MOS
STP7NA40
D1 BYT03-400
R7 (*)
950K
C5
100
µF
315V
Vo=240V
Po=80W
+
-
D97IN549B
TRANSFORMER
T: core THOMSON-CSF B1ET2910A (ETD 29 x 16 x 10mm) OR EQUIVALENT (OREGA 473201A7)
primary 90T of Litz wire 10 x 0.2mm
secondary 11T of #27 AWG (0.15mm)
gap 1.8mm for a total primary inductance of 0.7mH
R6 (*)
0.31
1W
R8
10K
1%
+
-
C7
10nF
NTC
4
(*) R3 = 2 x 120K
R6 = 0.619
Ω/2
R7 = 2 x 475K
Ω, 1%
R9 = 2 x 475K
10
68K
8
3
BRIDGE
4 x 1N4007
R9 (*)
1.82M
C1
560nF
400V
R10
10K
C2
22
µF
25V
FUSE 2A/250V
Vac
(175V to 265V)
R3 (*)
440K
D3 1N4150
D2
1N5248B
R2
100
10nF
C6
R1
T
5
6
L6561
7
21
C3 1
µF
R5
MOS
STP5NA50
D1 BYT13-600
R7 (*)
998K
C5
56
µF
450V
Vo=400V
Po=120W
+
-
D97IN550B
TRANSFORMER
T: core THOMSON-CSF B1ET2910A (ETD 29 x 16 x 10mm) OR EQUIVALENT (OREGA 473201A8)
primary 90T of Litz wire 10 x 0.2mm
secondary 7T of #27 AWG (0.15mm)
gap 1.25mm for a total primary inductance of 0.8mH
R6 (*)
0.41
1W
R8
6.34K
1%
+
-
C7
10nF
NTC
(*) R3 = 2 x 220K
R6 = 0.82
Ω/2
R7 = 2 x 499K
Ω, 1%
R9 = 2 x 909K
4
68K
10
8
3
BRIDGE
4 x 1N4007
R9 (*)
1.24M
C1
1
µF
400V
R10
10K
C2
22
µF
25V
FUSE 4A/250V
Vac
(85V to 265V)
R3 (*)
240K
D3 1N4150
D2
1N5248B
R2
100
12nF
C6
R1
T
5
6
L6561
7
21
C3 1
µF
R5
MOS
STP8NA50
D1 BYT13-600
R7 (*)
998K
C5
47
µF
450V
Vo=400V
Po=80W
+
-
D97IN553B
TRANSFORMER
T: core THOMSON-CSF B1ET2910A (ETD 29 x 16 x 10mm) OR EQUIVALENT (OREGA 473201A8)
primary 90T of Litz wire 10 x 0.2mm
secondary 7T of #27 AWG (0.15mm)
gap 1.25mm for a total primary inductance of 0.8mH
R6 (*)
0.41
1W
R8
6.34K
1%
+
-
C7
10nF
NTC
(*) R3 = 2 x 120K
R6 = 0.82
Ω/2
R7 = 2 x 499K
Ω, 1%
R9 = 2 x 620K
4
68K
10


同様の部品番号 - E-L6561D013TR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
June 2000
More results

同様の説明 - E-L6561D013TR

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
   POWER FACTOR CORRECTOR
June 2000
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
   POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
   POWER FACTOR CORRECTOR
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
   POWER FACTOR CORRECTOR
September 1998
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
8561 UTC-8561 Datasheet
162Kb / 6P
   POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com